Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP136 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP136
Description  NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP136 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP136 Datasheet HTML 1Page - Siemens Semiconductor Group BFP136 Datasheet HTML 2Page - Siemens Semiconductor Group BFP136 Datasheet HTML 3Page - Siemens Semiconductor Group BFP136 Datasheet HTML 4Page - Siemens Semiconductor Group BFP136 Datasheet HTML 5Page - Siemens Semiconductor Group BFP136 Datasheet HTML 6Page - Siemens Semiconductor Group BFP136 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Jan-20-1997
BFP 136W
NPN Silicon RF Transistor
• For power amplifier in DECT and PCN systems
• fT = 5.5GHz
• Gold metalization for high reliability
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 136W
PAs
Q62702-F1575
1 = E
2 = C
3 = E
4 = B
SOT-343
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
150
mA
Base current
IB
20
Total power dissipation
TS ≤ 60 °C
Ptot
1000
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 90
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFP136

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP136 INFINEON-BFP136 Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
BFP136W INFINEON-BFP136W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
More results

Similar Description - BFP136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
Power amplifier controller for GSM and PCN systems
1997 Nov 19
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
logo
Hitachi Semiconductor
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
RF Transceiver IC for GSM and PCN Dual band cellular systems
logo
Tyco Electronics
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
Silicon NPN RF Power Transistor Designed for power amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com