Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DS400 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9DS400
Description  Four Output Differential Buffer for PCIe Gen 2 with Spread
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DS400 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9DS400 Datasheet HTML 1Page - Integrated Device Technology ICS9DS400 Datasheet HTML 2Page - Integrated Device Technology ICS9DS400 Datasheet HTML 3Page - Integrated Device Technology ICS9DS400 Datasheet HTML 4Page - Integrated Device Technology ICS9DS400 Datasheet HTML 5Page - Integrated Device Technology ICS9DS400 Datasheet HTML 6Page - Integrated Device Technology ICS9DS400 Datasheet HTML 7Page - Integrated Device Technology ICS9DS400 Datasheet HTML 8Page - Integrated Device Technology ICS9DS400 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS9DS400
IDTTM/ICSTM Four Output Differential Buffer for PCIe Gen 2 with Spread
1626
09/17/09
Four Output Differential Buffer for PCIe Gen 2 with Spread
Advance Information
1
General Description
Output Features
The 9DS400 is pin compatible to the 9DB403, but adds the
ability to inject spread spectrum onto the incoming differential
clock, while maintaining good phase noise.
•
4 - 0.7V current-mode differential output pairs.
•
Supports Spread Injection mode and fanout mode.
•
Two pin selectable down spread amounts: 0.5% and
0.25%.
•
50-110 MHz operation in PLL mode
•
50-400 MHz operation in Bypass mode
Functional Block Diagram
Key Specifications
•
Output cycle-cycle jitter < 50ps
•
Output to Output skew <50ps
•
Phase jitter: PCIe Gen1 < 86ps peak to peak
•
Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
Features/Benefits
•
Bypass mode
•
Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management.
Recommended Application
DB400 where spread spectrum needs to be added to the
incoming clock.
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(6,5,2,1))
CONTROL
LOGIC
BYPASS#_SSCG
SDATA
SCLK
PD
Spread
Generating
PLL
4
IREF
OE(6,1)#
2
DIF_STOP
SPREAD_EN
M
U
X
Polarities shown assuming that OE_INV = 1


Similar Part No. - ICS9DS400

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102 Datasheet
232Kb / 13P
2 Output PCI Express Buffer with CLKREQ Function
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB102 RENESAS-ICS9DB102 Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
logo
Integrated Circuit Syst...
ICS9DB102FLFT ICST-ICS9DB102FLFT Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
More results

Similar Description - ICS9DS400

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
Six Output Differential Buffer for PCIe Gen 2
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
Eight Output Differential Buffer for PCIe Gen 2
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
Six Output Differential Buffer for PCIe Gen 2
05/24/12
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com