Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS831721I Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831721I Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS831721I Datasheet HTML 8Page - Integrated Device Technology ICS831721I Datasheet HTML 9Page - Integrated Device Technology ICS831721I Datasheet HTML 10Page - Integrated Device Technology ICS831721I Datasheet HTML 11Page - Integrated Device Technology ICS831721I Datasheet HTML 12Page - Integrated Device Technology ICS831721I Datasheet HTML 13Page - Integrated Device Technology ICS831721I Datasheet HTML 14Page - Integrated Device Technology ICS831721I Datasheet HTML 15Page - Integrated Device Technology ICS831721I Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
12
©2011 Integrated Device Technology, Inc.
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements.
Figures 2A to 2F show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 2A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 2A. CLK/nCLK Input Driven by an IDT Open
Emitter LVHSTL Driver
Figure 2C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 2E. CLK/nCLK Input Driven by a 3.3V LVDS Driver
Figure 2B. CLK/nCLK Input Driven by a 3.3V HCSL Driver
Figure 2D. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Differential
Input
Zo = 50
Ω
Zo = 50
Ω
HCSL
*R3
33
Ω
*R4
33
Ω
CLK
nCLK
3.3V
3.3V
Zo = 50
Ω
Zo = 50
Ω
Differential
Input
R1
50
Ω
R2
50
Ω
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com