Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS831721I Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS831721I
Description  Differential Clock/Data Multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831721I Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS831721I Datasheet HTML 9Page - Integrated Device Technology ICS831721I Datasheet HTML 10Page - Integrated Device Technology ICS831721I Datasheet HTML 11Page - Integrated Device Technology ICS831721I Datasheet HTML 12Page - Integrated Device Technology ICS831721I Datasheet HTML 13Page - Integrated Device Technology ICS831721I Datasheet HTML 14Page - Integrated Device Technology ICS831721I Datasheet HTML 15Page - Integrated Device Technology ICS831721I Datasheet HTML 16Page - Integrated Device Technology ICS831721I Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ICS831721I Data Sheet
DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831721AGI REVISION A AUGUST 19, 2011
14
©2011 Integrated Device Technology, Inc.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in
Figure 4.
Figure 4. HCSL Driver Circuit and Termination
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power dissipation,
use the following equations which assume a 50
Ω load to ground.
The highest power dissipation occurs when VDD_MAX.
Power
= (VDD_MAX – VOUT) * IOUT,
since VOUT – IOUT * RL
= (VDD_MAX – IOUT * RL) * IOUT
= (3.6V – 17mA * 50
) * 17mA
Total Power Dissipation per output pair = 46.8mW
VDD
VOUT
RL
50
IC
IOUT = 17mA
RREF =
475
± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com