Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS462 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS462 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9LPRS462 Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
5
Absolute Max
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
3.3V Core Supply Voltage
VDD_A
-
V
DD + 0.5V
V
1
3.3V Logic Input Supply
Voltage
VDD_In
-
GND -
0.5
V
DD + 0.5V
V
1
Storage Temperature
Ts
-
-65
150
°C
1
Ambient Operating Temp
Tambient
-
070
°C
1
Case Temperature
Tcase
-
115
°C
1
Input ESD protection HBM
ESD prot
-
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
Notes
Input High Voltage
V
IH
3.3 V +/-5%
2
V
DD + 0.3
V
1
Input Low Voltage
V
IL
3.3 V +/-5%
V
SS - 0.3
0.8
V
1
Input High Current
I
IH
V
IN = VDD
-5
5
uA
1
I
IL1
V
IN = 0 V; Inputs with no pull-up
resistors
-5
uA
1
I
IL2
V
IN = 0 V; Inputs with pull-up
resistors
-200
uA
1
Low Threshold Input-
High Voltage
V
IH_FS
3.3 V +/-5%
0.7
V
DD + 0.3
V
1
Low Threshold Input-
Low Voltage
V
IL_FS
3.3 V +/-5%
V
SS - 0.3
0.35
V
1
9LPRS462, all outputs driven
200
mA
1
9LPRS464, all outputs driven
180
mA
1
Powerdown Current
I
DD3.3PD
all diff pairs low/low
21
mA
1
Input Frequency
F
i
V
DD = 3.3 V
14.31818
MHz
2
Pin Inductance
L
pin
7nH
1
C
IN
Logic Inputs
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
C
INX
X1 & X2 pins
5
pF
1
Clk Stabilization
T
STAB
From VDD Power-Up or de-
assertion of PD to 1st clock
1.8
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_PD
CPU output enable after
PD de-assertion
300
us
1
Tfall_PD
PD fall time of
5
ns
1
Trise_PD
PD rise time of
5
ns
1
SMBus Voltage
V
DD
2.7
5.5
V
1
Low-level Output Voltage
V
OL
@ I
PULLUP
0.4
V
1
Current sinking at
V
OL = 0.4 V
I
PULLUP
4mA
1
SMBCLK/SMBDAT
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SMBCLK/SMBDAT
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
Input Low Current
Input Capacitance
I
DD3.3OP
Operating Current
2 Input frequency should be measured at the REF pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com