Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS462 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS462 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9LPRS462 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
6
AC Electrical Characteristics - Low-Power DIF Outputs: CPUKG and HTT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Crossing Point Variation
∆V
CROSS
Single-ended Measurement
140
mV
1,2,5
Frequency
f
Spread Specturm On
198.8
200
MHz
1,3
Long Term Accuracy
ppm
Spread Specturm Off
-300
+300
ppm
1,11
Rising Edge Slew Rate
SRISE
Differential Measurement
0.5
10
V/ns
1,4
Falling Edge Slew Rate
SFALL
Differential Measurement
0.5
10
V/ns
1,4
Slew Rate Variation
tSLVAR
Single-ended Measurement
20
%
1
CPU, DIF HTT Jitter - Cycle to
Cycle
CPUJC2C
Differential Measurement
150
ps
1,6
Accumulated Jitter
tJACC
See Notes
1
ns
1,7
Peak to Peak Differential Voltage
VD(PK-PK)
Differential Measurement
400
2400
mV
1,8
Differential Voltage
VD
Differential Measurement
200
1200
mV
1,9
Duty Cycle
DCYC
Differential Measurement
45
55
%
1
Amplitude Variation
∆V
D
Change in VD DC cycle to cycle
-75
75
mV
1,10
CPU Skew
CPUSKEW10
Differential Measurement
100
ps
1
Guaranteed by design and characterization, not 100% tested in production.
Minimum Frequency is a result of 0.5% down spread spectrum
6 Max difference of t
CYCLE between any two adjacent cycles.
7 Accumulated tjc.over a 10 µs time period, measured with JIT2 TIE at 50ps interval.
8 VD(PK-PK) is the overall magnitude of the differential signal.
11 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
9
VD(min) is the amplitude of the ring-back differential measurement, guaranteed by design, that ring-back will not cross 0V VD.
VD(max) is the largest amplitude allowed.
10 The difference in magnitude of two adjacent VD_DC measurements. VD_DC is the stable post overshoot and ring-back part of
the signal.
Single-ended measurement at crossing point. Value is maximum – minimum over all time. DC value of common mode is not
important due to the blocking cap.
Differential measurement through the range of ±100 mV, differential signal must remain monotonic and within slew rate spec when
crossing through this region.
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK
and falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com