Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE7806 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7806
Description  3-Terminal Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7806 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SE7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
SE78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Oct-2010 Rev. B
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SE7808 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=500mA, VIN=14V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=14V, IO=500mA, TJ=25°C
7.7
8
8.3
VO
10.5V≦VIN≦23V, 5mA≦IO≦1A, PD≦15W
7.6
8
8.4
V
10.5V≦VIN≦25V, TJ=25°C
-
6
160
V
O (Line Regulation)
11V≦VIN≦17V, TJ=25°C
-
2
80
mV
5mA≦IO≦1.5A, TJ=25°C
-
12
160
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
80
mV
IQ
TJ=25°C
-
4.3
8.0
mA
5mA≦IO≦1A
-
-
0.5
I
Q
10.5V≦VIN≦25V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
52
-
μV
RR
11.5V≦VIN≦21.5V, f=120Hz
55
72
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
450
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-0.8
-
mV / °C
SE7809 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=500mA, VIN=16V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=16V, IO=500mA, TJ=25°C
8.65
9
9.35
VO
11.5V≦VIN≦24V, 5mA≦IO≦1A, PD≦15W
8.55
9
9.45
V
11.5V≦VIN≦27V, TJ=25°C
-
7
180
V
O (Line Regulation)
13V≦VIN≦19V, TJ=25°C
-
2
90
mV
5mA≦IO≦1.5A, TJ=25°C
-
12
180
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
90
mV
IQ
TJ=25°C
-
4.3
8.0
mA
5mA≦IO≦1A
-
-
0.5
I
Q
11.5V≦VIN≦27V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
60
-
μV
RR
12V≦VIN≦22V, f=120Hz
55
70
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
400
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-1
-
mV / °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com