Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE7806 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SE7806
Description  3-Terminal Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE7806 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SE7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SE7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
SE78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Oct-2010 Rev. B
Page 4 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SE7810 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125°C, IO=500mA, VIN=17V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=17V, IO=500mA, TJ=25°C
9.6
10
10.4
VO
12.5V≦VIN≦25V, 5mA≦IO≦1A, PD≦15W
9.5
10
10.5
V
12.5V≦VIN≦28V, TJ=25°C
-
7
200
V
O (Line Regulation)
14V≦VIN≦20V, TJ=25°C
-
2
100
mV
5mA≦IO≦1.5A, TJ=25°C
-
12
200
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
100
mV
IQ
TJ=25°C
-
4.3
8
mA
5mA≦IO≦1A
-
-
0.5
I
Q
12.5V≦VIN≦28V
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
70
-
μV
RR
13V≦VIN≦23V, f=120Hz
55
71
-
dB
VD
Io=1A
-
2
-
V
ISC
TJ=25°C
-
400
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-1
-
mV / °C
SE7812 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TJ =0~125 °C, IO=500mA, VIN=19V, CIN=0.33μF, CO=0.1μF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN=19V, IO=500mA, TJ=25°C
11.5
12
12.5
VO
14.5V≦VIN≦27V, 5mA≦IO≦1A, PD≦15W
11.4
12
12.6
V
14.5V≦VIN≦30V, TJ=25°C
-
10
240
V
O (Line Regulation)
16V≦VIN≦22V, TJ=25°C
-
3
120
mV
5mA≦IO≦1A, TJ=25°C
-
12
240
V
O (Load Regulation)
250mA≦IO≦750mA, TJ=25°C
-
4
120
mV
IQ
TJ=25°C
-
4.3
8
mA
5mA≦IO≦1A
-
-
0.5
I
Q
14.5V≦VIN≦30V, IO=500mA
-
-
1
mA
VN
10Hz≦f≦100KHz, TJ=25°C
-
75
-
μV
RR
15V≦VIN≦25V, f=120Hz
55
71
-
dB
VD
Io=1A, TJ=25°C
-
2
-
V
ISC
TJ=25°C
-
350
-
mA
Ipk
TJ=25°C
-
2.2
-
A
V
O / Tj
IO=5mA
-
-1
-
mV / °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com