Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD40P04 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40P04
Description  -36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40P04 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD40P04_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSD40P04-20DE
-36A , -40V , RDS(ON) 30m
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
2-Dec-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-252(D-Pack)
A
C
D
N
O
P
G E
F
H
K
J
M
B
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low RDS(on)
and to ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
TO-252 saves board space.
Fast Switch Speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management in portable
and battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
ID
-36
A
Pulsed Drain Current @TA=25°C
2
IDM
-40
A
Continuous Source Current (Diode Conduction)
1
IS
-30
A
Total Power Dissipation @TA=25°C
1
PD
50
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 175
°C
Thermal Resistance Ratings
Maximum Thermal Resistance Junction-Ambient
1
RθJA
50
°C / W
Maximum Thermal Resistance Junction-Case
RθJC
3
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.35
6.80
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20
1
Gate
3
Source
2
Drain


Similar Part No. - SSD40P04_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD40P04 SECOS-SSD40P04_15 Datasheet
412Kb / 5P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD40P04_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD02N65 SECOS-SSD02N65 Datasheet
1Mb / 4P
2A , 650V , RDS(ON) 8 N-Ch Enhancement Mode Power MOSFET
SSD55N03 SECOS-SSD55N03_11 Datasheet
790Kb / 4P
55A, 25V, RDS(ON) 6m N-Ch Enhancement Mode Power MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SSG4842N SECOS-SSG4842N Datasheet
121Kb / 2P
23A , 40V , RDS(ON) 9 m N-Ch Enhancement Mode Power MOSFET
SSG9435BDY SECOS-SSG9435BDY Datasheet
616Kb / 4P
-5.3 A, -30 V, RDS(ON) 36 m P-Ch Enhancement Mode Power MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
-13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
SSPS7331P SECOS-SSPS7331P Datasheet
596Kb / 4P
-13.4 A , -30 V , RDS(ON) 13 m P-Ch Enhancement Mode Power MOSFET
SSPS7333P SECOS-SSPS7333P Datasheet
124Kb / 2P
-10.9 A , -30 V , RDS(ON) 20 m P-Ch Enhancement Mode Power MOSFET
SSU50N10 SECOS-SSU50N10 Datasheet
1Mb / 4P
54A , 100V , RDS(ON) 22m N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com