Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD40P04 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40P04
Description  -36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40P04 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD40P04_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD40P04_11 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSD40P04-20DE
-36A , -40V , RDS(ON) 30m
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
2-Dec-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS= VGS, ID = -250µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS =0, VGS= ±25V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
-
-
-5
VDS= -24V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(on)
-41
-
-
A
VDS = -5V, VGS= -10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
30
m
VGS= -10V, ID= -36A
-
-
40
VGS= -4.5V, ID= -29A
Forward Transconductance
1
gfs
-
31
-
S
VDS= -15V, ID= -36A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS= -41A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
13.9
30
nC
VDS= -15V
VGS= -4.5 V
ID= -36A
Gate-Source Charge
Qgs
-
5.2
20
Gate-Drain Charge
Qgd
-
5.8
20
Input Capacitance
Ciss
-
1583
4000
pF
VDS= -15V,
VGS=0,
f=1MHz
Output Capacitance
Coss
-
278
600
Reverse Transfer Capacitance
Crss
-
183
400
Turn-on Delay Time
Td(on)
-
15
-
nS
VDD= -15V
ID= -41A
VGEN = -10 V
RL=15 
RG=6
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(off)
-
62
-
Fall Time
Tf
-
46
-
Notes:
1.
Pulse test:Pulse width ≦ 300 µs, duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com