Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4520H Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4520H
Description  N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4520H Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4520H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4520H Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
SSG4520H
N-Ch: 6.6A, 20V, RDS(ON) 47 m
P-Ch: -5.2A, -20V, RDS(ON) 79 m
N & P-Ch Enhancement Mode Power MOSFET
10-Jan-2012 Rev. D
Page 2 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol Ch
Min.
Typ.
Max.
Unit
Teat Conditions
Static
N
1
-
-
VDS=VGS, ID=250μA
Gate Threshold Voltage
VGS(th)
P
-1
-
-
V
VDS=VGS, ID= -250μA
N
-
-
±100
VDS=0, VGS=8V
Gate-Body Leakage
IGSS
P
-
-
±100
nA
VDS=0, VGS= -8V
N
-
-
1
VDS=8V, VGS=0
Zero Gate Voltage Drain Current
IDSS
P
-
-
-1
μA
VDS= -8V, VGS=0
N
10
-
-
VDS=5V, VGS=4.5V
On-State Drain Current
1
ID(on)
P
-10
-
-
A
VDS= -5V, VGS= -4.5V
-
-
47
VGS=4.5V, ID=5.3A
N
-
-
55
VGS=2.5V, ID=5A
-
-
79
VGS= -4.5V, ID= -4.2A
Drain-Source On-Resistance
1
RDS(ON)
P
-
-
110
mΩ
VGS= -2.5V, ID= -3.8A
N
0.7
VGS=0, IS=1.1A
Diode Forward Voltage
VSD
P
-0.73
V
VGS=0, IS= -1.1A
N
-
10
-
VDS=10V, ID=5.3A
Forward Transconductance
1
gfs
P
-
10
-
S
VDS= -10V, ID= -4.2A
Dynamic
2
N
439
Input Capacitance
Ciss
P
683
N
78
Output Capacitance
Coss
P
90
N
68
Reverse Transfer Capacitance
Crss
P
75
pF
N-Channel
VDS=15V, VGS=0, f=1MHz
P-Channel
VDS= -15V, VGS=0, f=1MHz
N
-
6
-
Total Gate Charge
Qg
P
-
11
-
N
-
0.9
-
Gate-Source Charge
Qgs
P
-
2.8
-
N
-
2.1
-
Gate-Drain Charge
Qgd
P
-
2.7
-
nC
N-Channel
ID=5.3A, VDS=10V, VGS=4.5V
P-Channel
ID= -4.2A, VDS= -10V, VGS= -4.5V
N
-
7
-
Turn-On Delay Time
Td(on)
P
-
10
-
N
-
24
-
Rise Time
Tr
P
-
20
-
N
-
35
-
Turn-Off Delay Time
Td(off)
P
-
49
-
N
-
19
-
Fall Time
Tf
P
-
21
-
nS
N-Channel
VDD=10V, VGEN=4.5V
ID=5.3A, RGEN=6Ω, RL=1.8Ω
P-Channel
VDD= -10V, VGEN= -4.5V
ID= -4.2A, RGEN=6Ω, RL=2.3Ω
Notes:
1. Pulse test:PW 300μs duty cycle
≦≦
2%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com