Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT6602 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6602
Description  N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6602 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT6602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STT6602
N-Ch: 3.3A, 30V, RDS(ON) 65 mΩ
Ω
Ω
Ω
P-Ch: -2.3A, -30V, RDS(ON) 120 mΩ
Ω
Ω
Ω
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
6602
TOP VIEW
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The STT6602 uses advanced trench technology to
provide excellent on-resistance and low gate charge.
The complementary MOSFETs form a high-speed
power inverter, suitable for a multitude of applications.
The TSOP-6 package is universally used for all
commercial-industrial surface mount applications.
FEATURES
Low Gate Change
Low On-resistance
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
N-Channel
P-Channel
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
2
TA=25°C
ID
3.3
-2.3
A
TA=70°C
2.6
-1.8
Pulsed Drain Current
1
IDM
10
-10
A
Power Dissipation @TA=25°C
PD
1.14
W
Linear Derating Factor
0.01
W / °C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
2
RθJA
110
°C / W
Notes:
1.
Pulse width limited by Max. junction temperature.
2.
Surface mounted on 1 in
2 copper pad of FR4 board, t≦5sec; 180°C / W when mounted on Min. copper pad.
Package
MPQ
Leader Size
TSOP-6
3K
7 inch
Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
0°
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
2
3
4
5
6


Similar Part No. - STT6602

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT6602 VBSEMI-STT6602 Datasheet
613Kb / 9P
N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STT6602

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDN520C SECOS-SDN520C Datasheet
84Kb / 2P
N-Ch: 4.5 A, 20 V, RDS(ON) 58 m P-Ch: -4.5 A, -20 V, RDS(ON) 112 m N & P-Channel Enhancement Mode MOSFET
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
-4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
SMG5406 SECOS-SMG5406 Datasheet
1Mb / 4P
3.6A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
SMG5409 SECOS-SMG5409 Datasheet
1Mb / 4P
-2.6A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
SSG4407P SECOS-SSG4407P Datasheet
548Kb / 4P
-15A, -30V, RDS(ON) 9 m P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4512CE SECOS-SSG4512CE Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET N-Ch: 6.9 A, 30 V, RDS(ON) 31 m P-Ch: -5.2 A, -30 V, RDS(ON) 52 m
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
STT4443 SECOS-STT4443 Datasheet
678Kb / 4P
-2.3A , -30V , RDS(ON) 120 m P-Channel Enhancement Mode MOSFET
STT6802 SECOS-STT6802 Datasheet
1Mb / 4P
3.3A , 30V , RDS(ON) 65 m N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com