Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT6602 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6602
Description  N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6602 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  STT6602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT6602 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STT6602
N-Ch: 3.3A, 30V, RDS(ON) 65 mΩ
Ω
Ω
Ω
P-Ch: -2.3A, -30V, RDS(ON) 120 mΩ
Ω
Ω
Ω
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
15-Aug-2011 Rev. A
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Source-Drain Diode
Forward On Voltage
1
N-Ch
VSD
-
-
1.2
V
IS=0.9A, VGS=0
P-Ch
-
-
-1.2
IS= -0.9A, VGS=0
Reverse Recovery Time
N-Ch
Trr
-
14
-
ns
IS=3A, VGS=0 ,dI/dt=100A/µs
P-Ch
-
15
-
IS= -2A, VGS=0 ,dI/dt=100A/µs
Reverse Recovery Charge
N-Ch
Qrr
-
7
-
nC
IS=3A, VGS=0 ,dI/dt=100A/µs
P-Ch
-
7
-
IS= -2A, VGS=0 ,dI/dt=100A/µs
Notes:
1.
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com