Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM2902D
Description  QUAD OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2902D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM2902D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCHEMATIC DIAGRAM
INTERNAL BLOCK DIAGRAM AND PIN CONNECTION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
- +
4
-
+
2
3
OUT1
IN1( - )
IN1( + )
Vcc
IN2( + )
IN2( - )
OUT2
OUT3
IN3( - )
IN3( + )
GND
IN4( + )
IN4( - )
OUT4
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Power Supply Voltage
Vcc
±16 or 32
V
Differential Input Voltage
VID
32
V
Input Voltage
VIN
-0.3~32
V
Output Short Circuit to GND
Continuous
DIP14
1130
Power Dissipation
SOP14
PD
800
mW
Operating Temperature Range
Topr
-20~+85
°C
Storage Temperature
Tstg
-65~150
°C
LM2902N/D
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com