Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM2902D
Description  QUAD OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2902D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM2902D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2902D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QUAD OPERATIONAL AMPLIFIER
LM2902
D E S C R I P T I O N
Outline Drawing
The
LM2902 consist of four independent,
high gain, internally frequency compensated
operational amplifiers which were designed
specifically to operate from a single power
supply over a wide voltage range. Operation
from split power supplies is also possible and
the low power supply current drain is
independent of the magnitude of the power
supply voltage. Application areas include transducer
DIP14
amplifier, DC gain
blocks and all the
conventional OP amp circuits which now can
be easily implemented in single power
supply systems.
FEATURE
Large DC voltage gain: 100dB
Wide power supply range:
Vcc=3V~32V(or Vcc=
±1.5V~±16V)
SOP14
Input common-mode voltage range includes ground.
Large output voltage swing :0V~Vcc-1.5V
Power drain suitable for battery operation
Internally frequency compensated for unity gain
Wide bandwidth(unity gain) 1MHz
Very low supply current drain(700µA)—essentially independent of supply voltage
Low input biasing current
45nA
Low input offset voltage
2mV and offset current
5nA
Differential input voltage range equal to the power supply voltage
Compatible with all forms of logic
TIGER ELECTRONIC CO.,LTD
LM2902N/D
1/5
LM2902N
LM2902D


Similar Part No. - LM2902D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM2902D PHILIPS-LM2902D Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM2902D STMICROELECTRONICS-LM2902D Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
ON Semiconductor
LM2902D ONSEMI-LM2902D Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Texas Instruments
LM2902D TI-LM2902D Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
ON Semiconductor
LM2902D ONSEMI-LM2902D Datasheet
204Kb / 16P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
More results

Similar Description - LM2902D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com