Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4558D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM4558D
Description  DUAL OPERATIONER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM4558D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM4558D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM4558N/D/S
PIN CONNFIGURATION
DIP8/SOP8
SIP8
ABSOLUTE MAXIMUM RATINGS (Tamb=25℃)
Characteristics
Symbol
Value
Unit
Supply voltage
Vcc
±22
V
Differential Input Voltage
VI(DIFF)
±30
V
Power dissipation
PD
680
mW
Input voltage
VI
±15
V
Operating temperature
Tamb
-40~+85
℃
Storage temperature
Tstg
-65~+150
℃
Solder ability (3
±0.5sec, 95% leads covered)
230
±5
℃
Soldering heat endurance (10
±1sec,no damage)
260
±5
℃
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com