Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4558D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM4558D
Description  DUAL OPERATIONER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM4558D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM4558D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM4558N/D/S
ELECTRICAL CHARACTERISTICS (Unless otherwise specified,Tamb=25℃,Vcc=15,Vee=-15V)
limit
characteristics
Test conditions
Symbol
Min.
Typ.
Max.
Unit
Operating current
Icc
3.5
5.6
mA
Input offset voltage
RS
<10kΩ
VIO
-
2
5.0
mV
Input offset current
IIO
5
200
nA
Input bias current
IBIAS
-
30
500
nA
Input common mode
voltage range
VI( R )
±12
±14
V
Large signal voltage
gain
Vo (p-p) =
±10V,RL<2kΩ
Gv
86
100
dB
RL
>10kΩ
±12
±14
-
Output voltage swing
RL
>2kΩ
Vo (p-p)
±10
±13
-
V
Common
mode
rejection ratio
RS
<10kΩ
CMRR
80
95
dB
Supply
voltage
rejection ratio
RS
<10kΩ
PSRR
80
95
dB
Input resistance
RIN
0.3
5
MΩ
Gain bandwidth
F=100KHz
Vi=10mV,RL=2Kohm
CL=100pf
5.0
MHz
Equivalent
input
noise voltage
RS=1KΩ, 30KHz LPF
Vni
1.4
µVrms
Channel separation
Vo1/Vo2
120
dB
Slew rate
1.5
V/µs
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com