Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWH02FNTRLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 6CWH02FNTRLPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED Pt®
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWH02FNTRLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  6CWH02FNTRLPBF Datasheet HTML 1Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 2Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 3Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 4Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 5Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 6Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 7Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94550
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Jan-11
VS-6CWH02FNPbF
Vishay Semiconductors Ultrafast Rectifier, 2 x 3 A FRED Pt®
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95059
Packaging information
www.vishay.com/doc?95033
2
-
Current rating (6 = 6 A)
1
-
Vishay Semiconductors product
3
-
Center tap configuration-
4
4
-
Package identifier:
W = D-PAK
5
-
H = Hyperfast recovery
6
-
Voltage rating (02 = 200 V)
7
-
FN = TO-252AA
8
-
None = Tube (50 pieces)
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
-
PbF = Lead (Pb)-free
9
Device code
5
1
3
2
4
6
7
8
9
6
VS-
C
W
H
02
FN
TRL PbF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com