Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWH02FNTRLPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 6CWH02FNTRLPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED Pt®
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWH02FNTRLPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  6CWH02FNTRLPBF Datasheet HTML 1Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 2Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 3Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 4Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 5Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 6Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 7Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95016
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 04-Nov-08
For technical questions concerning module products, contact: ind-modules@vishay.com
1
D-PAK (TO-252AA)
Outline Dimensions
Vishay High Power Products
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension uncontrolled in L5
(3) Dimension D1, E1, L3 and b3 establish a minimum mounting surface for thermal pad
(4) Section C - C dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip
(5) Dimension D, and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(6) Dimension b1 and c1 applied to base metal only
(7) Datum A and B to be determined at datum plane H
(8) Outline conforms to JEDEC outline TO-252AA
DIMENSIONS in millimeters and inches
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
e
2.29 BSC
0.090 BSC
A1
-
0.13
-
0.005
H
9.40
10.41
0.370
0.410
b
0.64
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.76
1.14
0.030
0.045
L1
2.74 BSC
0.108 REF.
b3
4.95
5.46
0.195
0.215
3
L2
0.51 BSC
0.020 BSC
c
0.46
0.61
0.018
0.024
L3
0.89
1.27
0.035
0.050
3
c2
0.46
0.89
0.018
0.035
L4
-
1.02
-
0.040
D
5.97
6.22
0.235
0.245
5
L5
1.14
1.52
0.045
0.060
2
D1
5.21
-
0.205
-
3
Ø
0°
10°
0°
10°
E
6.35
6.73
0.250
0.265
5
Ø1
0°
15°
0°
15°
E1
4.32
-
0.170
-
3
Ø2
25°
35°
25°
35°
Ø 1
E
(5)
b3
(3)
0.010
CA B
L3 (3)
B
A
C
H
C
L2
D (5)
L4
b
2x e
b2
(2) L5
1
2
3
4
Ø 2
A
c2
A
A
H
Seating
plane
c
Detail “C”
(7)
Seating
plane
A1
Detail “C”
Rotated 90 °CW
Scale: 20:1
(L1)
C
C
L
Ø
Gauge
plane
Lead tip
M
0.010
CA B
M
32
4
1
E1
D1
MIN.
0.265
(6.74)
MIN.
0.245
(6.23)
MIN.
0.089
(2.28)
MIN.
0.06
(1.524)
0.488 (12.40)
0.409 (10.40)
0.093 (2.38)
0.085 (2.18)
Pad layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com