Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # ZXLD1371
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1371 Datasheet HTML 23Page - Diodes Incorporated ZXLD1371 Datasheet HTML 24Page - Diodes Incorporated ZXLD1371 Datasheet HTML 25Page - Diodes Incorporated ZXLD1371 Datasheet HTML 26Page - Diodes Incorporated ZXLD1371 Datasheet HTML 27Page - Diodes Incorporated ZXLD1371 Datasheet HTML 28Page - Diodes Incorporated ZXLD1371 Datasheet HTML 29Page - Diodes Incorporated ZXLD1371 Datasheet HTML 30Page - Diodes Incorporated ZXLD1371 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
27 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
Inductor Selection and frequency Control
The selection of the inductor coil, L1, requires knowledge of the switching frequency and current ripple, and also depends on
the duty cycle to some extent. In the hysteretic converter, the frequency depends upon the input and output voltages and
the switching thresholds of the current monitor. The peak-to-peak coil current is adjusted by the ZXLD1371 to control the
frequency to a fixed value. This is done by controlling the switching thresholds within particular limits. This effectively much
reduces the overall frequency range for a given input voltage range. Where the input voltage range is not excessive, the
frequency is regulated to approximately 390kHz. This is helpful in terms of EMC and other system requirements. Figure 7
shows practical results of switching frequency driving 8 LEDs at 350mA.
Figure 7. Frequency vs. VIN for Boost LED Driver with
350mA LED Current and Various Inductor Values
For larger input voltage variation, or when the choice of coil inductance is not optimum, the switching frequency may depart
from the regulated value, but the regulation of LED current remains successful. If desired, the frequency can to some extent
be increased by using a smaller inductor, or decreased using a larger inductor.
The web Calculator will evaluate the
frequency across the input voltage range and the effect of this upon power efficiency and junction temperatures.
Determination of the input voltage range for which the frequency is regulated may be required. This calculation is very
involved, and is not given here. However the performance in this respect can be evaluated within the web Calculator for the
chosen inductance.
The inductance is given as follows in terms of peak-to-peak ripple current in the coil,
ΔIL and the MOSFET on time, tON.
L1 =
VIN - N VLED - IOUT RDSON + RCOIL + RS
tON
∆I
L
for Buck
L1 =
VIN - IIN RDSON + RCOIL + RS
tON
∆I
L
for Boost
L1 =
VIN - (I
IN + IOUT )
RDSON + RCOIL + RS
tON
∆I
L
for Buck-boost
Equation 18
Therefore In order to calculate L1, we need to find IIN, tON, and ΔIL. The effects of the resistances are small and will be
estimated.
IIN is estimated from Equation 9.
tON is related to switching frequency, f, and duty cycle, D, as follows:
tON =
D
f
Equation 19
As the regulated frequency is known, and we have already found D from Equation 7 or the approximation Equation 7b, this
allows calculation of tON.
6
57
8
10
911
12
13
14
15
16
17
18
19
20
V
(V)
IN
T = 25 C, V
= V
8 LEDs, R = 150m ,
R9 = 120k , R10 = 36k ,
C
= 100µF
AAUX
IN
S
IN
°
Ω
ΩΩ
L = 33µH
0
50
100
150
200
250
300
350
400
450
500
L = 100µH
L = 68µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com