Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371 Datasheet(PDF) 35 Page - Diodes Incorporated

Part # ZXLD1371
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371 Datasheet(HTML) 35 Page - Diodes Incorporated

Back Button ZXLD1371 Datasheet HTML 31Page - Diodes Incorporated ZXLD1371 Datasheet HTML 32Page - Diodes Incorporated ZXLD1371 Datasheet HTML 33Page - Diodes Incorporated ZXLD1371 Datasheet HTML 34Page - Diodes Incorporated ZXLD1371 Datasheet HTML 35Page - Diodes Incorporated ZXLD1371 Datasheet HTML 36Page - Diodes Incorporated ZXLD1371 Datasheet HTML 37Page - Diodes Incorporated ZXLD1371 Datasheet HTML 38Page - Diodes Incorporated ZXLD1371 Datasheet HTML 39Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
35 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
Figure 14. Thermal Feedback Network
The thermistor resistance, RT, at a temperature of T degrees Kelvin is given by
RT= RR e
B
1
T
-
1
TR
Where
RR is the thermistor resistance at the reference temperature, TR
TR is the reference temperature, in Kelvin, normally 273 + 25 = 298K (25°C)
B is the “beta” value of the thermistor.
For example,
1)
Temperature threshold Tthreshold = 273 + 70 = 343K (70˚C)
2)
TH1 = 10k
Ω at 25˚C and B = 3900
RT = 1.8kΩ @ 70˚C
3)
Rth = RT at Tthreshold = 1.8kΩ
Over-Temperature Shutdown
The ZXLD1371 incorporates an over-temperature shutdown circuit to protect against damage caused by excessive die
temperature. A warning signal is generated on the STATUS output when die temperature exceeds 125°C nominal and the
output is disabled when die temperature exceeds 150°C nominal. Normal operation resumes when the device cools back
down to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com