Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC044EM Datasheet(PDF) 2 Page - Rohm

Part # DTC044EM
Description  100mA/50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC044EM Datasheet(HTML) 2 Page - Rohm

  DTC044EM Datasheet HTML 1Page - Rohm DTC044EM Datasheet HTML 2Page - Rohm DTC044EM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC044EM / DTC044EEB / DTC044EUB
 
Electrical characteristics (Ta=25
C)
Symbol
Max.
Unit
VI(off)
0.8
V
VI(on)
-V
VO(on)
0.15
V
II
0.18
mA
IO(off)
500
nA
GI
--
fT
-
MHz
R1
61.1
k
R2/R1
1.2
-
* Characteristics of built-in transistor
Electrical characteristics curves
Parameter
Min.
Typ.
Test Conditions
Input voltage
--
VCC=5V / IO=100uA
3.0
-
VO=0.3V / IO=2mA
Output voltage
-
0.05
IO=5mA / II=0.5mA
Input current
-
-
VI=5V
Output current
-
-
VCC=50V / VI=0V
DC current gain
80
-
VO=10V / IO=5mA
Transition frequency *
-
250
VCE=10V /IE=-5mA
f=100MHz
Input resistance
32.9
47
Resistance ratio
0.8
1.0
Input Voltage vs. Output Current (ON characteristics)
DC Current Gain vs. Output Current
Output Voltage vs. Output Current
Input Voltage vs. Output Current (OFF characteristics)
0.1
1
10
100
0.1
1
10
100
OUTPUT CURRENT : IO (mA)
Vo=0.3V
Ta=-40ºC
Ta=25ºC
Ta=75ºC
Ta=125ºC
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
INPUT VOLTAGE : VI(off) (V)
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
VCC=5V
1
10
100
1000
0.1
1
10
100
OUTPUT CURRENT : IO (mA)
Vo=10V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
0.001
0.01
0.1
1
0.1
1
10
100
OUTPUT CURRNET : IO (mA)
IO/II=10
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
2/2
2011.08 - Rev.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com