Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC044EM Datasheet(PDF) 1 Page - Rohm

Part # DTC044EM
Description  100mA/50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC044EM Datasheet(HTML) 1 Page - Rohm

  DTC044EM Datasheet HTML 1Page - Rohm DTC044EM Datasheet HTML 2Page - Rohm DTC044EM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.rohm.com
©20
11 ROHM Co., Ltd. All rights reserved.
100mA/50V Digital transistors(with built-in resistors)
DTC044EM / DTC044EEB / DTC044EUB
Features
Dimensions (Unit : mm)
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external input resistors.
(See equivalent circuit)
2) The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making the device design easy.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Applications
Inverter, Interface, Driver
Packaging specifications
Equivalent circuit
R1=R2=47kΩ
Absolute maximum (Ta=25
C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land
Type
Package
VMT3
EMT3F
Code
T2L
TL
UMT3F
Packaging Type
Taping
Taping
Taping
TL
Basic ordering
unit (pieces)
8000
3000
3000
DTC044EM
○
--
DTC044EEB
-○
-
DTC044EUB
-
-
○
Parameter
Symbol
Limits(DTC044E□)
Unit
MEB
UB
Supply voltage
VCC
50
V
Input voltage
VIN
40
V
-10
V
Collector current *1
IC(max)
100
mA
Output current
IO
30
mA
mW
Junction temperature
Tj
150
C
Power dissipation *2
PD
150
200
Range of storage temperature
Tstg
-55 to +150
C
VMT3
EMT3F
(1)
(2)
(3)
UMT3F
2.0
0.32
0.65 0.65
1.3
(1)
(2)
(3)
0.9
0.13
Abbreviated symbol : 41
Abbreviated symbol : 41
Abbreviated symbol : 41
OUT
OUT
GND
GND
R1
R2
IN
IN
1/2
2011.08 - Rev.A


Similar Part No. - DTC044EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC044EM ROHM-DTC044EM Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC044EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
-100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com