Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD221 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCD221
Description  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 Datasheet(HTML) 4 Page - Motorola, Inc

  MCD221 Datasheet HTML 1Page - Motorola, Inc MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCD221
MOTOROLA
2–4
Audio Output Interface
Mnemonic
Type
Name and Function
CLOUT
O
Audio Output Serial Clock.
WSOUT
O
Audio Output Word Clock.
DAOUT
O
Audio Output Serial Data.
General
Mnemonic
Type
Name and Function
SYS_CLK_OUT
O
16.9344 MHz System Clock Output.
SYSCLK2
I
Double System Clock Frequency Input. Input for an oscillator with a
frequency of 33.8688 MHz.
RESET
I
Reset. Global reset for the CIAP. Active LOW.
ISEL
I
Interface Select.
0 = Serial interface (no parallel access possible)
1 = 68000 interface (no serial access possible)
TDI
I
Test Data Input. (Boundary scan input pin.)
TDO
O
Test Data Output. (Boundary scan output pin.)
TCK
I
Test Clock. (Boundary scan input pin.)
TMS
I
Test Mode Select. (Boundary scan input pin.)
TESTMODE
O
When 0, the CIAP is operational. When 1, the CIAP is in test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com