Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD221 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCD221
Description  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc MCD221 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCD221
2–7
MOTOROLA
ELECTRICAL SPECIFICATIONS
OPERATING RANGE
The limits for operating the device are as follows:
Ambient Temperature (TA)0°C to 70°C
. . . . . . . . . . . . . . . . . .
Voltage, VDD
5 V
± 10%
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage, VSS
0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ABSOLUTE MAXIMUM RATINGS* (Voltages Referenced to VSS, Unless Otherwise Noted)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
– 0.5
+ 7.0
V
VI
Input Voltage
– 1.5
VDD + 1.5
V
VO
Output Voltage
– 0.5
VDD + 0.5
V
IO
Output Current
—
± 25
mA
Pd
Power Dissipation
—
1200
mW
Tstg
Storage Temperature
– 65
+ 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
DC ELECTRICAL CHARACTERISTICS (VDD = 5 V ± 10%, VSS = 0 V, TA = 0 to + 70°C, Unless Otherwise Noted)
Parameter
Symbol
Conditions
Min
Max
Unit
Operating Supply Current
IDD
33.8688 MHz
—
tba
mA
Input Voltage (TTL Input)
VIH
VIL
—
—
2.0
—
—
0.8
V
Output Voltage (8 mA)
VOH
VOL
—
—
3.5
—
—
0.4
V
Output Voltage (16 mA)
VOH
VOL
—
—
3.5
—
—
0.4
V
Power Dissipation
—
—
tba
mW
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to
this high–impedance circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com