Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080L-30 Datasheet(PDF) 2 Page - Rohm

Part # RB080L-30
Description  Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080L-30 Datasheet(HTML) 2 Page - Rohm

  RB080L-30 Datasheet HTML 1Page - Rohm RB080L-30 Datasheet HTML 2Page - Rohm RB080L-30 Datasheet HTML 3Page - Rohm RB080L-30 Datasheet HTML 4Page - Rohm RB080L-30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB080L-30
 
0.001
0.01
0.1
1
10
0
100
200
300
400
500
600
Tj=125
°C
Tj=150
°C
Tj=25
°C
Tj=75
°C
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
1
10
100
1000
10000
100000
010
20
30
Tj=125
°C
Tj=25
°C
Tj=150
°C
Tj=75
°C
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
10
100
1000
10000
010
20
30
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
f=MHz
430
435
440
445
450
455
460
465
470
475
480
AVE:443.4mV
IF=5.0A
VF DISPERSION MAP
0
5
10
15
20
25
30
AVE:22.2
A
VR=30V
IR DISPERSION MAP
1070
1090
1110
1130
1150
1170
1190
1210
1230
1250
Ct DISPERSION MAP
f=1MHz
VR=0V
AVE:1156pF
2/4
2011.12
- Rev.B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com