Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080L-30 Datasheet(PDF) 4 Page - Rohm

Part # RB080L-30
Description  Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080L-30 Datasheet(HTML) 4 Page - Rohm

  RB080L-30 Datasheet HTML 1Page - Rohm RB080L-30 Datasheet HTML 2Page - Rohm RB080L-30 Datasheet HTML 3Page - Rohm RB080L-30 Datasheet HTML 4Page - Rohm RB080L-30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB080L-30
 
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
D.C.
D=1/2
Sin(θ=180)
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
D.C.
D=1/2
Sin(θ=180)
CASE TEMPERATURE:Tc(
°C)
DERATING CURVE (Io-Tc)
T
Tj=150
°C
D=t/T
t
VR
Io
VR=15V
0A
0V
0
5
10
15
20
25
30
C=200pF
R=0Ω
C=150pF
R=330Ω
AVE:13.2kV
No break at 30kV
ESD DISPERSION MAP
4/4
2011.12
- Rev.B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com