Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

271LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 271LP4E
Description  1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

271LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  271LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 5
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6, 10, 12, 13,
15, 16, 18
N/C
These pins should be connected to PCB RF ground to
maximize performance.
2, 17
RF1, RF2
This pin is DC coupled and matched to 50 Ohms
Blocking capacitors are required. Select value based on
lowest frequency of operation.
5Serial Output
Serial data output. Serial input data
delayed by 8 clock cycles.
7Reset
See truth table, control voltage table and timing diagram.
8
Shift Clock
9
Latch Enable
11
Serial Input
14
Vcc
Supply Voltage.
19 - 24
GND
Package bottom has an exposed metal paddle that must also
be connected to RF/DC Ground.
Pin Descriptions
HMC271LP4 / 271LP4E
v03.0809
1 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com