Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

271LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 271LP4E
Description  1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

271LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  271LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 271LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 1
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
1 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
General Description
Features
Functional Diagram
1 dB LSB Steps to 31 dB
CMOS Compatible Serial Data Interface
SPI Compatible Serial Output
±0.4 dB Typical Bit Error
24 Lead 4x4mm QFN Package: 16mm2
Included in the HMC-DK004 Designer’s Kit
Electrical Specifications, T
A = +25° C, Vcc = +3V to +5V
Typical Applications
The HMC271LP4 & HMC271LP4E are broadband
5-bit positive control GaAs IC digital attenuators with
CMOS compatible serial-to-parallel drivers in low
cost leadless QFN 4x4 mm SMT packages. Covering
0.7 to 3.7 GHz, the insertion loss is typically less than
2.5 dB. The attenuator bit values are 1 (LSB), 2, 4, 8,
and 16 dB for a total attenuation of 31 dB. Accuracy
is excellent at ± 0.4 dB typical with an IIP3 of up to
+48 dBm. Five bit CMOS compatible serial control
words are used to select each attenuation state.
A single Vcc bias of +3V to +5V applied through an
external 5k Ohm resistor is required.
The HMC271LP4 / HMC271LP4E is ideal for:
• Cellular/3G Infrastructure
• Fixed Wireless, WiMax & WiBro
• Test Instrumentation
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.7 GHz
1.9
2.3
2.6
2.8
2.4
2.8
3.1
3.3
dB
dB
dB
dB
Attenuation Range
0.7 - 3.7 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.7 GHz
2.7 - 3.7 GHz
12
15
16
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
0.7 - 0.9 GHz
0.9 - 2.2 GHz
2.2 - 3.7 GHz
± (0.4 + 5% of Atten. Setting) Max
± (0.4 + 4% of Atten. Setting) Max
± (0.4 + 5% of Atten. Setting) Max
dB
dB
dB
Input Power for 0.1 dB Compression
Vcc = 5V
Vcc = 3V
0.7 - 3.7 GHz
24
22
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
Vcc = 5V
Vcc = 3V
0.7 - 3.7 GHz
48
46
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (Latch Enable to 10/90% RF)
0.7 - 3.7 GHz
750
830
ns
ns
HMC271LP4 / 271LP4E
v03.0809


Similar Part No. - 271LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
271LP4E HITTITE-271LP4E Datasheet
500Kb / 8P
1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results

Similar Description - 271LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
List of Unclassifed Man...
HMC271LP4 ETC1-HMC271LP4 Datasheet
476Kb / 8P
1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC271LP4 HITTITE-HMC271LP4 Datasheet
500Kb / 8P
1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271LP4 HITTITE-HMC271LP4_09 Datasheet
353Kb / 8P
1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271ALP4 HITTITE-HMC271ALP4 Datasheet
979Kb / 8P
1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC305ALP4 HITTITE-HMC305ALP4 Datasheet
980Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com