Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7609 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 4 Page - Analog Devices

  AD7609 Datasheet HTML 1Page - Analog Devices AD7609 Datasheet HTML 2Page - Analog Devices AD7609 Datasheet HTML 3Page - Analog Devices AD7609 Datasheet HTML 4Page - Analog Devices AD7609 Datasheet HTML 5Page - Analog Devices AD7609 Datasheet HTML 6Page - Analog Devices AD7609 Datasheet HTML 7Page - Analog Devices AD7609 Datasheet HTML 8Page - Analog Devices AD7609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD7609
Data Sheet
Rev. A | Page 4 of 36
SPECIFICATIONS
VREF = 2.5 V external/internal, AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V; fSAMPLE = 200 kSPS, TA = TMIN to TMAX, unless otherwise
noted.1
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave unless otherwise noted
Signal-to-Noise Ratio (SNR)2, 3
Oversampling by 16; ±10 V range; fIN = 160 Hz
98
101
dB
Oversampling by 16; ±5 V range; fIN = 160 Hz
100
dB
No oversampling; ±10 V range
90
91
dB
No oversampling; ±5 V range
89.5
90.5
dB
Signal-to-(Noise + Distortion) (SINAD)2
No oversampling; ±10 V range
89.5
91
dB
No oversampling; ±5 V range
89
90
dB
Dynamic Range
No oversampling; ±10 V range
91.5
dB
No oversampling; ±5 V range
90.5
dB
Total Harmonic Distortion (THD)2, 3
No oversampling; ±10 V range
−107
−97
dB
No oversampling; ±5 V range
−110
−96
dB
Peak Harmonic or Spurious Noise (SFDR)2
−108
dB
Intermodulation Distortion (IMD)2
fa = 1 kHz, fb = 1.1 kHz
Second-Order Terms
−110
dB
Third-Order Terms
−106
dB
Channel-to-Channel Isolation2
fIN on unselected channels up to 160 kHz
−95
dB
ANALOG INPUT FILTER
Full Power Bandwidth
−3 dB, ±10 V range
32
kHz
−3 dB, ±5 V range
23
kHz
−0.1 dB, ±10 V range
13
kHz
−0.1 dB, ±5 V range
10
kHz
tGROUP DELAY
±10 V range
7.1
µs
±5 V range
10.2
µs
DC ACCURACY
Resolution
No missing codes
18
Bits
Differential Nonlinearity2
±0.75
−0.99/+2
LSB4
Integral Nonlinearity2
±3
±7.5
LSB
Total Unadjusted Error (TUE)
±10 V range
±10
LSB
±5 V range
±90
LSB
Positive Full-Scale Error2, 5
External reference
±8
±140
LSB
Internal reference
±40
LSB
Positive Full-Scale Error Drift
External reference
±2
ppm/°C
Internal reference
±7
ppm/°C
Positive Full-Scale Error Matching2
±10 V range
12
80
LSB
±5 V range
40
100
LSB
Bipolar Zero Code Error2, 6
±10 V range
±3
±24
LSB
± 5 V range
±3
±48
LSB
Bipolar Zero Code Error Drift
±10 V range
10
µV/°C
± 5 V range
5
µV/°C
Bipolar Zero Code Error Matching2
±10 V range
2.7
30
LSB
±5 V range
13
65
LSB
Negative Full-Scale Error2, 5
External reference
±8
±140
LSB
Internal reference
±40
LSB
Negative Full-Scale Error Drift
External reference
±4
ppm/°C
Internal reference
±8
ppm/°C
Negative Full-Scale Error Matching2
±10 V range
12
80
LSB
±5 V range
40
100
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com