Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7609 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 3 Page - Analog Devices

  AD7609 Datasheet HTML 1Page - Analog Devices AD7609 Datasheet HTML 2Page - Analog Devices AD7609 Datasheet HTML 3Page - Analog Devices AD7609 Datasheet HTML 4Page - Analog Devices AD7609 Datasheet HTML 5Page - Analog Devices AD7609 Datasheet HTML 6Page - Analog Devices AD7609 Datasheet HTML 7Page - Analog Devices AD7609 Datasheet HTML 8Page - Analog Devices AD7609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD7609
Rev. A | Page 3 of 36
GENERAL DESCRIPTION
The AD7609 is an 18-bit, 8-channel, true differential,
simultaneous sampling analog-to-digital data acquisition
system (DAS). The part contains analog input clamp protection,
a second-order antialiasing filter, a track-and-hold amplifier, an
18-bit charge redistribution successive approximation analog-
to-digital converter (ADC), a flexible digital filter, a 2.5 V
reference and reference buffer, and high speed serial and
parallel interfaces.
The AD7609 operates from a single 5 V supply and can
accommodate ±10 V and ±5 V true bipolar differential input
signals while sampling at throughput rates up to 200 kSPS for
all channels. The input clamp protection circuitry can tolerate
voltages up to ±16.5 V. The AD7609 has 1 MΩ analog input
impedance regardless of sampling frequency. The single supply
operation, on-chip filtering, and high input impedance elimi-
nate the need for driver op amps and external bipolar supplies.
The AD7609 antialiasing filter has a −3 dB cutoff frequency of
32 kHz and provides 40 dB antialias rejection when sampling
at 200 kSPS. The flexible digital filter is pin driven, yields
improvements in SNR, and reduces the −3 dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com