Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 9 Page - Kemet Corporation

Part # R46
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 9 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRodUCT Code SYSTem
The part number, comprising 15 digits, is formed as follows:
1 2 3
4 5 6
7
8
9 10 11 12 13 14 15
R 4 6
-
-
Digit 1 to 3
Series code.
Digit 4
a.c. rated voltage:
K = 275Vac; 3 = 300Vac
Digit 5
Pitch:
N = 22.5;
R = 27.5;
W = 37.5 mm
Digit 6 to 9
Digits 7 - 8 - 9 indicate the first three digits of
Capacitance value and the 6th digit indicates
the number of zeros that must be added to
obtain the Rated Capacitance in pF.
Digit 10 to 11 Mechanical version and/or packaging (table 1)
Digit 12
Identifies the dimensions and electrical
characteristics.
Digit 13
Internal use
Digit 14
Capacitance tolerance:
K=±10%; M=±20%
Digit 15
Value of the discharge resistor (tolerance±10%)
according to the following table*:
R.46+R
Capacitors with discharge resistor
X2 CLASS (IEC 60384-14) - MKP Series
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
PRoDUCT CoDE:
R46
Table 1
Standard
packaging style
lead
length
(mm)
Taping style
ordering
code
(Digit 10 to 11)
P
2
(mm)
Fig.
(No.)
Pitch
(mm)
REEL
Ø500mm
19.05
2
22.5/27.5
CK
Loose, short leads
Loose, long leads
Loose, long leads
04 +2
25 -1/+2
30 +5
00
50
40
Loose, insulated
rigid leads
Loose, insulated
flexible leads
30 +5
150 ±5
51
52
Rated
Cap. (*)
300 Vac / 630 Vdc
Std dimensions
Ø
d
max
dv/dt at
390Vdc
(V/ µs)
Part number
B
H
L
p
0.22 µF
7.0 16.0 26.5 22.5 0.8
200 R463N 3220 - - 01 - x
0.33 µF
8.5 17.0 26.5 22.5 0.8
200 R463N 3330 - - 01 - x
0.47 µF 10.0 18.5 26.5 22.5 0.8
200 R463N 3470 - - 01 - x
0.68 µF 11.0 20.0 26.5 22.5 0.8
200 R463N 3680 - - 01 - x
0.47 µF 11.0 20.0 32.0 27.5 0.8
150 R463R 3470 - - 01 - x
0.68 µF 11.0 20.0 32.0 27.5 0.8
150 R463R 3680 - - M1 - x
1.0 µF 13.0 22.0 32.0 27.5 0.8
150 R463R 4100 - - M1 - x
1.5 µF 13.0 22.0 32.0 27.5 0.8
150 R463R 4150 - - M1 - x
2.2 µF 14.0 28.0 32.0 27.5 0.8
150 R463R 4220 - - M1 - x
3.3 µF 18.0 33.0 32.0 27.5 0.8
150 R463R 4330 - - M2 - x
4.7 µF 22.0 37.0 32.0 27.5 0.8
150 R463R 4470 - - M1 - x
1.5 µF 11.0 22.0 41.5 37.5 1.0
100 R463W 4150 - - M1 - x
2.2 µF 13.0 24.0 41.5 37.5 1.0
100 R463W 4220 - - M1 - x
3.3 µF 16.0 28.5 41.5 37.5 1.0
100 R463W 4330 - - M1 - x
4.7 µF 19.0 32.0 41.5 37.5 1.0
100 R463W 4470 - - M1 - x
6.8 µF 20.0 40.0 41.5 37.5 1.0
100 R463W 4680 - - M2 - x
10.0 µF 24.0 44.0 41.5 37.5 1.0
100 R463W 5100 - - M1 - x
Rated
Cap. (*)
275 Vac / 560 Vdc
Std dimensions
Ø
d
max
dv/dt at
390Vdc
(V/ µs)
Part number
B
H
L
p
0.22 µF
7.0 16.0 26.5 22.5 0.8
200 R46KN 3220 - - 01 - x
0.33 µF
8.5 17.0 26.5 22.5 0.8
200 R46KN 3330 - - 01 - x
0.47 µF 10.0 18.5 26.5 22.5 0.8
200 R46KN 3470 - - 01 - x
0.68 µF 11.0 20.0 26.5 22.5 0.8
200 R46KN 3680 - - 01 - x
0.47 µF 11.0 20.0 32.0 27.5 0.8
150 R46KR 3470 - - 01 - x
0.68 µF 11.0 20.0 32.0 27.5 0.8
150 R46KR 3680 - - M1 - x
1.0 µF 13.0 22.0 32.0 27.5 0.8
150 R46KR 4100 - - M1 - x
1.5 µF 13.0 22.0 32.0 27.5 0.8
150 R46KR 4150 - - M1 - x
2.2 µF 14.0 28.0 32.0 27.5 0.8
150 R46KR 4220 - - M1 - x
3.3 µF 18.0 33.0 32.0 27.5 0.8
150 R46KR 4330 - - M2 - x
4.7 µF 22.0 37.0 32.0 27.5 0.8
150 R46KR 4470 - - M1 - x
1.5 µF 11.0 22.0 41.5 37.5 1.0
100 R46KW 4150 - - M1 - x
2.2 µF 13.0 24.0 41.5 37.5 1.0
100 R46KW 4220 - - M1 - x
3.3 µF 16.0 28.5 41.5 37.5 1.0
100 R46KW 4330 - - M1 - x
4.7 µF 19.0 32.0 41.5 37.5 1.0
100 R46KW 4470 - - M1 - x
6.8 µF 20.0 40.0 41.5 37.5 1.0
100 R46KW 4680 - - M2 - x
10.0 µF 24.0 44.0 41.5 37.5 1.0
100 R46KW 5100 - - M1 - x
Rated voltage (K=275Vac)
Mechanical version and packaging (Table 1)
Tolerance: K (±10%); M (±20%)
Value of discharge resistor (Table 2)
Rated voltage (3=300Vac)
Mechanical version and packaging (Table 1)
Tolerance: K (±10%); M (±20%)
Value of discharge resistor (Table 2)
*other resistors are avaible upon
request.
Table 2
R
code (x)
470 kΩ
E
680 kΩ
F
1 MΩ
G
1.2 MΩ
L
1.5 MΩ
N
2.2 MΩ
P
3.3 MΩ
Q
4.7 MΩ
S
6.8 MΩ
T
10 MΩ
V
All dimensions are in mm
Not for use in series with the mains.
See www.kemet.com for more information.
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com