Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46 Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 Datasheet(HTML) 1 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
09/2008
150
GeneRAl TeCHniCAl dATA
dielectric: polypropylene film.
Plates: metal layer deposited by evaporation under vacuum.
Winding: non-inductive type.
leads: tinned wire.
Protection: plastic case, thermosetting resin filled.
Box material is solvent resistant and flame retardant according to
UL94 V0.
marking: Manufacturer’s logo, series, capacitance, tolerance,
rated voltage, capacitor class, dielectric code, climatic category,
passive flammability category, manufacturing date code, approvals,
manufacturing plant.
Climatic category: 40/110/56 IEC 60068-1
operating temperature range: -40 to +110°C
Related documents:
IEC 60384-14, EN 60384-14.
eleCTRiCAl CHARACTeRiSTiCS
Rated voltage (V
R):
275Vac (50/60Hz) / 560 Vdc
300Vac (50/60Hz) / 630 Vdc
Capacitance range:
0.01µF to 10µF
Capacitance values: E6 series (IEC 60063 Norm).
Capacitance tolerances (measured at 1 kHz):
±
10% (K); ±20% (M);
tolerance ±5% (J) available upon request
dissipation factor (dF):
tgδ 10-4 at +25°C ±5°C:
≤
10 (6)* at 1kHz*
Typical value
insulation resistance:
Test conditions
Temperature:
+25°C±5°C
Voltage charge time:
1 min
Voltage charge:
100 Vdc
Performance
≥
1x105 MΩ (5x105 MΩ )*
for C≤0.33µF
≥
30000 s (150000 s )*
for C>0.33µF
* Typical value
Test voltage between terminations (on all pieces):
1500Vac for 1 s + 2200Vdc for 1 s at +25°C±5°C
R.46
X2 CLASS (IEC 60384-14) - MKP Series
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
Typical applications: interference suppression and
«across-the-line» applications. Suitable for use in situations
where failure of the capacitor would not lead to danger of
electric shock.
PRoDUCT CoDE:
R46
note: R.46 series has replaced the 1.40 series and 1.47 series.
For new design we suggest the use of the R.46 series.
Ø d ±0.05
p ≤15
22.5 ≤ p ≤ 27.5
p = 37.5
0.6 or 0.8*
0.8
1
*See size table.
All dimensions are in mm.
Loose
Taped
Fig.1
Fig.2
TeST meTHod And PeRFoRmAnCe
damp heat, steady state:
Test conditions 1st
Temperature:
+40°C ± 2°C
Relative humidity (RH):
93% ±2%
Test duration:
56 days
Test conditions 2nd
Temperature:
+60°C ± 2°C
Relative humidity (RH):
95% ±2%
Test duration:
500 hours
Performance
Dielectric strength:
no dielectric breakdown or
flashover at 4.3 x V
R (d.c.)/1 min
Capacitance change |∆C/C|: ≤5%
Insulation resistance:
≥
50% of initial limit.
endurance:
Test conditions
Temperature:
+110°C ± 2°C
Test duration:
1000 h
Voltage applied:
1.25 x V
R +1000Vac 0.1 s/h
Performance
Dielectric strength: no dielectric breakdown or
flashover at 4.3 x V
R (d.c.)/1 min
Capacitance change |∆C/C|: ≤10%
Insulation resistance:
≥
50% of initial limit.
Resistance to soldering heat:
Test conditions
Solder bath temperature: +260°C ± 5°C
Dipping time (with heat screen):10 s ± 1 s
Performance
Capacitance change |∆C/C|: ≤2%
Winding scheme
single sided metallized
polypropylene film
Pitch Box thickness (B)
Maximum dimensions (mm)
(mm)
(mm)
B max
H max
L max
10.0
All
B +0.2
H +0.1
L +0.2
15.0
<7.5
B +0.2
H +0.1
L +0.3
15.0
≥7.5
B +0.2
H +0.1
L +0.5
22.5
All
B +0.2
H +0.1
L +0.3
27.5
All
B +0.2
H +0.1
L +0.3
37.5
All
B +0.3
H +0.1
L +0.3
Insulated rigid leads
Insulated flexible leads 0.5mm2


Similar Part No. - R46

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46 KEMET-R46 Datasheet
2Mb / 18P
Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R4607A-01 HAMAMATSU-R4607A-01_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
logo
GIACOMINI WATER E-MOTIO...
R460HX011 GIACOMINI-R460HX011 Datasheet
870Kb / 6P
Thermostatic head with threaded connection M30 x 1,5 mm
logo
ON Semiconductor
R460PF2 ONSEMI-R460PF2 Datasheet
222Kb / 7P
4 A, 600 V, STEALTH Diode
March, 2019 - Rev. 3
More results

Similar Description - R46

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com