Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F40 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
96
March 06 , 2012
Rev. 1.50
97
March 06 , 2012
●
HT67F40
Bit
7
6
5
4
3
2
1
0
Name
—
—
TP21PS TP20PS TP1B2PS TP1APS TP01PS TP00PS
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5
TP21PS: TP2_1 Pin Remapping Control
0: TP2_1 on PC4
1: TP2_1 on PD7
Bit 4
TP20PS: TP2_0 Pin Remapping Control
0: TP2_0 on PC3
1: TP2_0 on PD6
Bit 3
TP1B2PS: TP1B_2 Pin Remapping Control
0: TP1B_2 on PC5
1: TP1B_2 on PD5
Bit 2
TP1APS: TP1A Pin Remapping Control
0: TP1A on PA1
1: TP1A on PD2
Bit 1
TP01PS: TP0_1 Pin Remapping Control
0: TP0_1 on PC5
1: TP0_1 on PD1
Bit 0
TP00PS: TP0_0 Pin Remapping Control
0: TP0_0 on PA0
1: TP0_0 on PD0
●
HT67F50/HT67F60
Bit
7
6
5
4
3
2
1
0
Name
TP31PS TP30PS TP21PS TP20PS TP1B2PS TP1APS TP01PS TP00PS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TP31PS: TP3_1 Pin Remapping Control
0: TP3_1 on PG0
1: TP3_1 on PF1
Bit 6
TP30PS: TP3_0 Pin Remapping Control
0: TP3_0 on PG3
1: TP3_0 on PF0
Bit 5
TP21PS: TP2_1 Pin Remapping Control
0: TP2_1 on PC4
1: TP2_1 on PD7
Bit 4
TP20PS: TP2_0 Pin Remapping Control
0: TP2_0 on PC3
1: TP2_0 on PD6
Bit 3
TP1B2PS: TP1B_2 Pin Remapping Control
0: TP1B_2 on PC5
1: TP1B_2 on PD5
Bit 2
TP1APS: TP1A Pin Remapping Control
0: TP1A on PA1
1: TP1A on PD2
Bit 1
TP01PS: TP0_1 Pin Remapping Control
0: TP0_1 on PC5
1: TP0_1 on PD1
Bit 0
TP00PS: TP0_0 Pin Remapping Control
0: TP0_0 on PA0
1: TP0_0 on PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com