Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F40 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
24
March 06 , 2012
Rev. 1.50
25
March 06 , 2012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB10
Stanby Current
(Idle)
(RTC OSC, fSYS=off,
fS=fSUB=fLXT)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=32768Hz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB11
Stanby Current
(Idle)
(LIRC OSC,
fSYS=off,
fS=fSUB=fLIRC)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=32kHz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB12
Stanby Current
(Idle)
(RTC OSC, fSYS=off,
fS=fSUB=fLIRC)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=32768Hz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB13
Stanby Current
(Sleep)
(Crystal OSC,
fSYS=off, fS=fSUB=fLXT
or fLIRC)
3V
No load, system HALT, ADC off,
WDT disable, fSYS=12MHz
—
0.1
1
μA
5V
—
0.3
2
μA
ISTB14
Stanby Current
(Sleep)
(Crystal OSC,
fSYS=off, fS=fSUB=fLXT)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=12MHz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB15
Stanby Current
(Sleep)
(Crystal
OSC, fSYS=off,
fS=fSUB=fLIRC)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=12MHz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB16
Stanby Current
(Sleep)
(RTC OSC, fSYS=off,
fS=fSUB=fLXT or fLIRC)
3V
No load, system HALT, ADC off,
WDT disable, fSYS=32768Hz
—
0.1
1
μA
5V
—
0.3
2
μA
ISTB17
Stanby Current
(Sleep)
(RTC OSC, fSYS=off,
fS=fSUB=fLXT)
3V
No load, system HALT, ADC off,
WDT enable, fSYS=32768Hz
—
1.5
3.0
μA
5V
—
2.5
5.0
μA
ISTB18
Stanby Current
(Sleep)
(Crystal OSC,
fSYS=off, fS=fSUB=fLXT
or fLIRC)
—
No load, system HALT, ADC off,
WDT disable, fSYS=12MHzHz,
LVR enable and LVDEN=1
—
20
30
μA
VIL1
Input Low Voltage
for I/O Ports, TMR
and INTB
—
—
0
—
0.3VDD
V
VIH1
Input High Voltage
for I/O Ports, TMR
and INTB
—
—
0.7VDD
—
VDD
V
VIL2
Input Low Voltage
(RES)
—
—
0
—
0.4VDD
V
VIH2
Input High Voltage
(RES)
—
—
0.9VDD
—
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com