Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F50 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
56
March 06 , 2012
Rev. 1.50
57
March 06 , 2012
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
32.768kHz
10pF
10pF
Note:1. C1 and C2 values are for guidance only.
2. RP=5M~10MΩ is recommended.
32.768kHz Crystal Recommended Capacitor Values
LXT Oscillator Low Power Function
The LXT oscillator can function in one of two modes, the Quick Start Mode and the Low Power
Mode. The mode selection is executed using the LXTLP bit in the TBC register.
LXTLP Bit
LXT Mode
0
Quick Start
1
Low-power
After power on the LXTLP bit will be automatically cleared to zero ensuring that the LXT oscillator
is in the Quick Start operating mode. In the Quick Start Mode the LXT oscillator will power up and
stabilise quickly. However, after the LXT oscillator has fully powered up it can be placed into the
Low-power mode by setting the LXTLP bit high. The oscillator will continue to run but with
reduced current consumption, as the higher current consumption is only required during the LXT
oscillator start-up. In power sensitive applications, such as battery applications, where power
consumption must be kept to a minimum, it is therefore recommended that the application program
sets the LXTLP bit high about 2 seconds after power-on.
It should be noted that, no matter what condition the LXTLP bit is set to, the LXT oscillator will
always function normally, the only difference is that it will take more time to start up if in the Low-
power mode.
Internal 32kHz Oscillator – LIRC
The Internal 32kHz System Oscillator is one of the low frequency oscillator choices, which is
selected via configuration option. It is a fully integrated RC oscillator with a typical frequency of
32kHz at 5V, requiring no external components for its implementation. Device trimming during the
manufacturing process and the inclusion of internal frequency compensation circuits are used to
ensure that the influence of the power supply voltage, temperature and process variations on the
oscillation frequency are minimised. As a result, at a power supply of 5V and at a temperature of
25°C degrees, the fixed oscillation frequency of 32kHz will have a tolerance within 10%.
External Clock – EC
The system clock can also be supplied by an externally supplied clock giving users a method of
synchronizing their external hardware to the microcontroller operation. This is selected using a
configuration option and supplying the clock on pin OSC1. Pin OSC2 should be left floating if the
external oscillator is used. The internal oscillator circuit contains a filter circuit to reduce the
possibility of erratic operation due to noise on the oscillator pin, however as the filter circuit
consumes a certain amount of power, a oscillator configuration option exists to turn this filter off.
Not using the internal filter should be considered in power sensitive applications and where the
externally supplied clock is of a high integrity and supplied by a low impedance source.
Supplementary Oscillators
The low speed oscillators, in addition to providing a system clock source are also used to provide a
clock source to two other device functions. These are the Watchdog Timer, the LCD driver and the
Time Base Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com