Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F50 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
22
March 06 , 2012
Rev. 1.50
23
March 06 , 2012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD4
Operating Current
(EC Mode, fSYS=fH,
fS=fSUB=fLXT or fLIRC)
3V No load, f
H
=4MHz, ADC off,
WDT enable
—
360
480
µA
5V
—
720
1080
µA
IDD5
Operating Current
(Crystal OSC,
fSYS=fL, fS=fSUB=fLXT
or fLIRC)
3V No load, fH=8MHz, fL=fH/2,
ADC off, WDT enable
—
500
750
µA
5V
—
1
1.5
mA
3V No load, fH=8MHz, fL=fH/4,
ADC off, WDT enable
—
350
525
µA
5V
—
0.7
1.05
mA
3V No load, fH=8MHz, fL=fH/8,
ADC off, WDT enable
—
300
450
µA
5V
—
600
900
µA
3V No load, fH=8MHz, fL=fH/16,
ADC off, WDT enable
—
280
420
µA
5V
—
560
840
µA
3V No load, fH=8MHz, fL=fH/32,
ADC off, WDT enable
—
250
375
µA
5V
—
500
750
µA
3V No load, fH=8MHz, fL=fH/64,
ADC off, WDT enable
—
230
345
µA
5V
—
440
660
µA
IDD6
Operating Current
(Crystal OSC,
fSYS=fL, fS=fSUB=fLXT
or fLIRC)
3V No load, f
H
=4MHz, fL=fH/2,
ADC off, WDT enable
—
300
600
µA
5V No load, f
H
=4MHz, fL=fH/2,
ADC off, WDT enable
—
600
900
µA
3V No load, f
H
=4MHz, fL=fH/4,
ADC off, WDT enable
—
200
300
µA
5V No load, f
H
=4MHz, fL=fH/4,
ADC off, WDT enable
—
400
600
µA
IDD7
Operating Current
(Crystal OSC,
fSYS=fL, fS=fSUB=fLXT
or fLIRC)
3V No load, f
H
=12MHz, fL=fH/2,
ADC off, WDT enable
—
0.8
1.2
mA
5V No load, f
H
=12MHz, fL=fH/2,
ADC off, WDT enable
—
1.6
2.4
mA
3V No load, f
H
=12MHz, fL=fH/4,
ADC off, WDT enable
—
0.5
0.75
mA
5V No load, f
H
=12MHz, fL=fH/4,
ADC off, WDT enable
—
1
1.5
mA
IDD8
Operating Current
(RTC OSC,
fSYS=fL=fLXT,
fS=fSUB=fLXT)
(Except HT67F50,
HT67F60)
3V
No load, ADC off, WDT enable,
QOSC=0
—
10
15
µA
5V
—
20
30
µA
3V
No load, ADC off, WDT enable,
QOSC=1
—
10
15
µA
5V
—
20
30
µA
IDD8a
Operating Current
(RTC OSC,
fSYS=fL=fLXT,
fS=fSUB=fLXT)
(HT67F50,
HT67F60)
3V
No load, ADC off, WDT enable,
QOSC=0
—
20
30
µA
5V
—
40
60
µA
3V
No load, ADC off, WDT enable,
QOSC=1
—
20
30
µA
5V
—
40
60
µA
IDD9
Operating Current
(LIRC OSC,
fSYS=fL=fLIRC,
fS=fSUB=fLIRC)
(Except HT67F50,
HT67F60)
3V
No load, ADC off, WDT enable
—
10
15
µA
5V
—
20
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com