Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMF05LCC Datasheet(PDF) 5 Page - Protek Devices

Part # MSMF05LCC
Description  MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05LCC Datasheet(HTML) 5 Page - Protek Devices

  MSMF05LCC_11 Datasheet HTML 1Page - Protek Devices MSMF05LCC_11 Datasheet HTML 2Page - Protek Devices MSMF05LCC_11 Datasheet HTML 3Page - Protek Devices MSMF05LCC_11 Datasheet HTML 4Page - Protek Devices MSMF05LCC_11 Datasheet HTML 5Page - Protek Devices MSMF05LCC_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05256.R3 3/11
Page 5
MSMF05LCC
taPe anD ReeL
SPeCiFiCationS
ReeL Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
1.78 ± 0.05 1.78 ± 0.05 0.69 ± 0.05 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and pin one defined by dot on package.
Package outline, pad layout and tape specifications per document number 06051.R3 3/11.
oRDeRinG inFoRMation
BaSe PaRt nuMBeR
LeaDFRee SuFFiX
taPe SuFFiX
Qty/ReeL
ReeL SiZe
tuBe Qty
MSMF05LCC
-P
-T7
3,000
7”
n/a
MSMF05LCC
-P
-T13
10,000
13”
n/a
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com