Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMF05LCC Datasheet(PDF) 2 Page - Protek Devices

Part # MSMF05LCC
Description  MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05LCC Datasheet(HTML) 2 Page - Protek Devices

  MSMF05LCC_11 Datasheet HTML 1Page - Protek Devices MSMF05LCC_11 Datasheet HTML 2Page - Protek Devices MSMF05LCC_11 Datasheet HTML 3Page - Protek Devices MSMF05LCC_11 Datasheet HTML 4Page - Protek Devices MSMF05LCC_11 Datasheet HTML 5Page - Protek Devices MSMF05LCC_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05256.R3 3/11
Page 2
MSMF05LCC
tyPiCaL DeviCe ChaRaCteRiStiCS
MaXiMuM RatinGS @ 25°C unless otherwise Specified
PaRaMeteR
SyMBoL
vaLue
unitS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
25
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Maximum Forward Voltage @ 10mA
V
F
1.0
V
eLeCtRiCaL ChaRaCteRiStiCS PeR Line @ 25°C unless otherwise Specified
PaRt
nuMBeR
DeviCe
MaRkinG
RateD
StanD-oFF
voLtaGe
v
wM
voLtS
MiniMuM
BReakDown
voLtaGe
@ 1ma
v
(BR)
voLtS
MaXiMuM
CLaMPinG
voLtaGe
(Fig. 2)
@ i
P = 2a
v
C
voLtS
MaXiMuM
LeakaGe
CuRRent
@v
wM
i
D
µa
tyPiCaL
CaPaCitanCe
(note 1)
@0v, 1Mhz
C
pF
MSMF05LCC
5LC
5.0
6.0
12.0
1
9
noteS
1. Pins 1, 3, 4, 5 or 6 to pin 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com