Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2157 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2157
Description  Low RDSON SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2157 Datasheet(HTML) 2 Page - Protek Devices

  PA2157 Datasheet HTML 1Page - Protek Devices PA2157 Datasheet HTML 2Page - Protek Devices PA2157 Datasheet HTML 3Page - Protek Devices PA2157 Datasheet HTML 4Page - Protek Devices PA2157 Datasheet HTML 5Page - Protek Devices PA2157 Datasheet HTML 6Page - Protek Devices PA2157 Datasheet HTML 7Page - Protek Devices PA2157 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
2
PA2157
Low RDSON SPDT Analog Switch
95235 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
V+, IN to GND.....................................................-0.3V to 6V
Analog, Digital voltage range (1)..........-0.3V to (V+) + 0.3V
Continuous Current NO, NC, or COM........................±50mA
Peak Current NO, NC, or COM .................................±80mA
Operating Temperature Range.....................-40°C to +85°C
Junction Temperature...............................................150°C
Storage Temperature............................... -65°C to +150°C
Lead Temperature (soldering, 0s)..............................260°C
ESD (HBM)................................................................2000V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
(1) Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
TYPICAL APPLICATION
Display
PA2157
Hands
Free
Mic
Spkr
µP
with soft Modem
Audio
Codec & ASIC
Internal
Mic.
Pre-Amp
Mic
Audio
Spkr
Amplifier
PA2157



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com