Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2157 Datasheet(PDF) 3 Page - Protek Devices

Part # PA2157
Description  Low RDSON SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2157 Datasheet(HTML) 3 Page - Protek Devices

  PA2157 Datasheet HTML 1Page - Protek Devices PA2157 Datasheet HTML 2Page - Protek Devices PA2157 Datasheet HTML 3Page - Protek Devices PA2157 Datasheet HTML 4Page - Protek Devices PA2157 Datasheet HTML 5Page - Protek Devices PA2157 Datasheet HTML 6Page - Protek Devices PA2157 Datasheet HTML 7Page - Protek Devices PA2157 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
3
PA2157
Low RDSON SPDT Analog Switch
95235 Rev.0. 06/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ELECTRICAL CHARACTERISTICS
(V+ = +4.5V to +5.5V, VIH = +2.0V, VIL = +0.8V, TA = -40°C to +85°C, Typical values are at V+ = 5.0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VNO, VNC, VCOM
-40°C to +85°C
0
V+
V
+25°C
4.5
8
Ω
On-Resistance
RON
V+ = 4.5V, VNO or VNC = 3.5V,
ICOM = -10mA, Test Circuit 1
-40°C to +85°C
8.5
Ω
+25°C
0.15
0.3
Ω
On-Resistance Match
Between Channels
∆RON
V+ = 4.5V, VNO or VNC = 3.5V,
ICOM = -10mA, Test Circuit 1
-40°C to +85°C
0.4
Ω
+25°C
2.3
3.3
Ω
On-Resistance Flatness
RFLAT(ON)
V+ = 4.5V, VNO or VNC = 1.0V, 2.0V, 3.5V,
ICOM = -10mA, Test Circuit 1
-40°C to +85°C
3.7
Ω
Source OFF Leakage
Current
INC(OFF), INO(OFF)
V+ = 5.5V, VNO or VNC = 1.0V, 4.5V,
VCOM = 4.5V, 1.0V
-40°C to +85°C
1
µA
Channe ON Leakage
l
Current
INC(ON), INO(ON),
ICOM(ON)
V+ = 5.5V, VCOM = 1.0V, 4.5V,
VNO or VNC = 1.0V, 4.5V, or floating
-40°C to +85°C
1
µA
DIGITAL INPUTS
Input High Voltage
VINH
-40°C to +85°C
1.5
V
Input Low Voltage
VINL
-40°C to +85°C
0.6
V
Input Leakage Current
IIN
V+ = +5.5V, VIN = 0V or 5.5V
-40°C to +85°C
1
µA
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 3.0V, VIH = 1.5V, VIL = 0V,
RL = 300Ω, CL = 35pF, Test Circuit 2
+25°C
20
ns
Turn-Off Time
tOFF
VNO or VNC = 3.0V, VIH = 1.5V, VIL = 0V,
RL = 300Ω, CL = 35pF, Test Circuit 2
+25°C
15
ns
Break-Before-Make
Time Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 3V,
RL = 300Ω, CL = 35pF, Test Circuit 3
+25°C
5
ns
Skew
tSKEW
RS = 39Ω, CL = 50pF, Test Circuit 4
+25°C
5
ns
f = 10MHz
+25°C
-51
dB
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Signal = 0dBm, Test Circuit 5 f = 1MHz
+25°C
-72
dB
–3dB Bandwidth
BW
Signal = 0dBm, RL = 50Ω, CL = 5pF,
Test Circuit 6
+25°C
300
MHz
Source OFF Capacitance
CNC(OFF),
CNO(OFF)
f = 1MHz
+25°C
5.5
pF
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
f = 1MHz
+25°C
15.5
pF
POWER REQUIREMENTS
Power Supply Range
V+
-40°C to +85°C
1.8
5.5
V
Power Supply Current
I+
V+ = +5.5V, VIN = 0V or V+
-40°C to +85°C
5
µA
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com