Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8 Datasheet(PDF) 6 Page - Protek Devices

Part # SLVU2.8
Description  600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8 Datasheet(HTML) 6 Page - Protek Devices

  SLVU2.8 Datasheet HTML 1Page - Protek Devices SLVU2.8 Datasheet HTML 2Page - Protek Devices SLVU2.8 Datasheet HTML 3Page - Protek Devices SLVU2.8 Datasheet HTML 4Page - Protek Devices SLVU2.8 Datasheet HTML 5Page - Protek Devices SLVU2.8 Datasheet HTML 6Page - Protek Devices SLVU2.8 Datasheet HTML 7Page - Protek Devices SLVU2.8 Datasheet HTML 8Page - Protek Devices SLVU2.8 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05135.R10 9/10
Page 6
SLVU2.8
APPLICATION INFORmATION
FIGURE 1 - UNIDIRECTIONAL COmmON mODE PROTECTION
Circuit connectivity is as follows:
• Line 1 connected to Pin 3.
• Pins 1 and 2 connected to ground.
CIRCUIT BOARD RECOmmENDATIONS
Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended:
• The protection device should be placed near the input terminals or connectors, the device will divert the transient current
immediately before it can be coupled into the nearby traces.
• The path length between the TVS device and the protected line should be minimized.
• All conductive loops including power and ground loops should be minimized.
• The transient current return path to ground should be kept as short as possible to reduce parasitic inductance.
• Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
FIGURE 2 - BIDIRECTIONAL COmmON mODE PROTECTION
Two SLUV2.8 devices used in parallel. Circuit connectivity is as follows:
• Line 1 connected to Pin 1 of Device 1 and Pin 2 connected to Device 2.
• Pin 2 of Device 1 and Pin 1 of Device 2 connected to ground.
• Pin 3 of both Devices not connected.
2
3
1
I/O LINE
GND
2
3
1
2
3
1
I/O LINE
GND
GND
D1
D2
2
3
1
2
3
1
I/O LINE 1
D1
D2
I/O LINE 2
FIGURE 3 - BIDIRECTIONAL DIFFERENTIAL mODE PROTECTION
Two SLUV2.8 devices used in parallel. Circuit connectivity is as follows:
• Line 1 connected to Pin 1 of Device 1 and Pin 2 connected to Device 2.
• Line 2 connected to Pin 2 of Device 1 and Pin 1 of Device 2.
• Pin 3 not connected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com