Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8 Datasheet(PDF) 1 Page - Protek Devices

Part # SLVU2.8
Description  600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8 Datasheet(HTML) 1 Page - Protek Devices

  SLVU2.8 Datasheet HTML 1Page - Protek Devices SLVU2.8 Datasheet HTML 2Page - Protek Devices SLVU2.8 Datasheet HTML 3Page - Protek Devices SLVU2.8 Datasheet HTML 4Page - Protek Devices SLVU2.8 Datasheet HTML 5Page - Protek Devices SLVU2.8 Datasheet HTML 6Page - Protek Devices SLVU2.8 Datasheet HTML 7Page - Protek Devices SLVU2.8 Datasheet HTML 8Page - Protek Devices SLVU2.8 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05135.R10 9/10
Page 1
SLVU2.8
600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The SLVU2.8 is a low voltage, low leakage current and ultra low capacitance TVS device designed for EOS and ESD
protection of low voltage circuits commonly found in network and computing applications. This device can be placed
at the connector input or at the sensitive IC component and also be used across a single ended data line for the pro-
tection of a single line.
The SLVU2.8 device meets the IEC requirements of 61000-4-2 (ESD), 61000-4-4 (EFT) and 61000-4-5 (Surge). This de-
vice has a peak pulse power rating of 600 Watts (8/20µs waveform) and is available in a SOT-23 package configuration.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Ground) & Level 3(Line-Line)
• ESD Protection > 25 kilovolts
• 600 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Unidirectional Configuration
• Protects 1 Line
• Low Leakage Current < 1.0µA
• Ultra Low Capacitance: 2.5pF
• RoHS Compliant
• REACH Compliant
mEChANICAL ChARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• Ethernet 10/100/1000 Base T
• Routers and Switches
• Audio/Video Inputs
• Portable Electronics
PIN CONFIGURATION
SOT-23 PACkAGE
2
3
1


Similar Part No. - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
Micro Commercial Compon...
SLVU2.8 MCC-SLVU2.8 Datasheet
276Kb / 4P
2.8Volts ESD Protection Devices
logo
Littelfuse
SLVU2.8 LITTELFUSE-SLVU2.8 Datasheet
1Mb / 4P
The SLVU2.8 series was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
logo
Socay Electornics Co., ...
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_11 Datasheet
707Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_11 Datasheet
696Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_12 Datasheet
697Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_12 Datasheet
699Kb / 8P
600 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com