Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2100CP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2100CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2100CP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2100CP Datasheet HTML 7Page - NXP Semiconductors PCF2100CP Datasheet HTML 8Page - NXP Semiconductors PCF2100CP Datasheet HTML 9Page - NXP Semiconductors PCF2100CP Datasheet HTML 10Page - NXP Semiconductors PCF2100CP Datasheet HTML 11Page - NXP Semiconductors PCF2100CP Datasheet HTML 12Page - NXP Semiconductors PCF2100CP Datasheet HTML 13Page - NXP Semiconductors PCF2100CP Datasheet HTML 14Page - NXP Semiconductors PCF2100CP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Mar 28
11
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
7.6
Input circuitry
7.7
Expansion
Fig.10 Input circuitry.
VSS line is common. In systems where it is expected that VDD2 >VDD1 + 0.5 V, a resistor should be inserted to reduce the current flowing through the
input protection. Maximum input current
≤40 µA.
handbook, halfpage
BUS DRIVER
PCF21XXC
R
100 k
Ω
VSS
VDD2
VDD
VSS
MLD284
Fig.11 Expansion possibility (using PCF2111C).
By connecting OSC to VSS the BP pins become inputs and generate signals synchronized to the single oscillator frequency, thus allowing expansion of
several members of the PCF21xxC family up to the BP drive capability of the master. The PCF2112C can only function as a master for other PCF2112Cs.
handbook, full pagewidth
DLEN
OSC
CLB
DATA
BP2
S1 to S32
BP1
VSS
PCF2111C
SLAVE1
DLEN
OSC
CLB
DATA
BP2
S1 to S32
BP1
VSS
PCF2111C
SLAVE1
DLEN
OSC
CLB
DATA
BP2
S1 to S32
BP1
VSS
VDD
PCF2111C
MASTER
LCD
MLD293
DATA
CLB
DLEN1
DLEN2
DLEN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com