Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2100CP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2100CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2100CP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2100CP Datasheet HTML 8Page - NXP Semiconductors PCF2100CP Datasheet HTML 9Page - NXP Semiconductors PCF2100CP Datasheet HTML 10Page - NXP Semiconductors PCF2100CP Datasheet HTML 11Page - NXP Semiconductors PCF2100CP Datasheet HTML 12Page - NXP Semiconductors PCF2100CP Datasheet HTML 13Page - NXP Semiconductors PCF2100CP Datasheet HTML 14Page - NXP Semiconductors PCF2100CP Datasheet HTML 15Page - NXP Semiconductors PCF2100CP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1997 Mar 28
12
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Derate by 7.7 mW/K when Tamb >60 °C.
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices. See
“Handling MOS devices”.
ESD in accordance with
“MIL STD 883C, Method 3015”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+8.0
V
VI
input voltage DLEN, CLB, DATA and OSC
VSS − 0.5 VDD + 0.5 V
VO
output voltage BP1, BP2 and S1 to S32
VSS − 0.5 VDD + 0.5 V
IDD, ISS
supply current
−50
+50
mA
II
DC input current
−20
+20
mA
IO
DC output current
−25
+25
mA
Ptot
total power dissipation per package
note 1
−
500
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com