Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS3252 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3252
Description  WS3252 High Precision CC/CV Primary-Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3252 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3252 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WS3252
WS3252
WS3252
WS3252
4/8
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (TA=25℃,VCC=16V, if not otherwise noted)
Supply
Supply
Supply
Supply Voltage
Voltage
Voltage
Voltage (VCC)
(VCC)
(VCC)
(VCC)
symbol
parameter
Test condition
Min
Typ
Max
Unit
I_VCC_ST
Start up current
VCC=13V
5
20
uA
I_VCC_OP
Operation Current
VCC=18V,INV=2V,CS=0V
2
3
mA
UVLO_ON
Turn on threshold Voltage
VCC falling
8.2
9.0
10.5
V
UVLO_OFF
Turn-off threshold Voltage
VCC rising
13.5
14.8
16.0
V
VCC_Clamp
VCC Zener Clamp Voltage
IVCC=10mA
28
29
31
V
OVP
Over
voltage
protection
Threshold
Ramp VCC until gate shut down
27
28.3
30
V
Error
Error
Error
Error Amplifier
Amplifier
Amplifier
Amplifier Section
Section
Section
Section
Vref_EA
Reference voltage for EA
1.97
2
2.03
V
Gain
DC gain of EA
60
dB
I_comp_max
Max.
Cable
compensation
current
INV=2V,COMP=0V
37.5
uA
Current
Current
Current
Current Sense
Sense
Sense
Sense Section
Section
Section
Section
TLEB
Leading edge Blanking Time
625
ns
Zsense
Input impedance
50
kΩ
TD_OC
OCP control delay
110
ns
VTH_OC
OCP threshold
0.88
0.91
0.94
V
T_ss
Soft start time
17
ms
Oscillator
Oscillator
Oscillator
Oscillator Section
Section
Section
Section
Freq_Max1
IC Maximum frequency
55
60
65
khz
Freq_Nom
System
nominal
switch
frequency
50
khz
Freq_startup
INV=0V,COMP=5V
14
khz
∆f/Freq
Frequency shuffling range
±6
%
Gate
Gate
Gate
Gate Driver
Driver
Driver
Driver Output
Output
Output
Output Section
Section
Section
Section
VOL
Output Low Level
Io=20mA
1
V
VOH
Output High Level
Io=20mA
6
V
V_clamp
Output Clamp Voltage Level
12
V
T_r
Output Rising Time
CL=0.5nF
650
ns
T_f
Output Falling Time
CL=0.5nF
40
ns
Note
Note
Note
Note: 1. Freq_Max indicates IC internal maximum clock frequency. In system application, the maximum operation
frequency of 60kHz nominal occurs at maximum output power or the transition point from CV to CC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com