Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS3252 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3252
Description  WS3252 High Precision CC/CV Primary-Side PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3252 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3252 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3252 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WS3252
WS3252
WS3252
WS3252
3/8
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Ordering
Ordering
Ordering
Ordering Information
Information
Information
Information
Package
Package
Package
Package
IC
IC
IC
IC Marking
Marking
Marking
Marking Information
Information
Information
Information
Purchasing
Purchasing
Purchasing
Purchasing Device
Device
Device
Device Name
Name
Name
Name
6-Pin SOT23-6,
Pb-free
WS3252TP
WS3252TP
Recommended
Recommended
Recommended
Recommended Operating
Operating
Operating
Operating Condition
Condition
Condition
Condition
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VCC
VCC supply voltage
10~30
V
TA
Operating temperature
-20~85
℃
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VCC
DC supply voltage
30
V
VINV
INV input voltage
-0.3~7
V
VCS
CS input voltage
-0.3~7
V
VCOMP
COMP input voltage
-0.3~7
V
TJ
Max. Operating junction temperature
150
℃
TSTG
Min./Max. Storage temperature
-55~150
℃
ICC
VCC Clamp Continuous Current
10
mA
Note
Note
Note
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the device at these or any other conditions beyond those indicated in the
Recommended Operating Conditions section are not implied. Exposure to absolute maximum-rated conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com