Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2259DP Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259DP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259DP Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2259DP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
4/11
WS2259
WS2259
WS2259
WS2259
Recommended
Recommended
Recommended
Recommended Operating
Operating
Operating
Operating Condition
Condition
Condition
Condition
S
S
S
Symbol
ymbol
ymbol
ymbol
P
P
P
Parameter
arameter
arameter
arameter
V
V
V
Value
alue
alue
alue
U
U
U
Unit
nit
nit
nit
VDD
VDD Supply Voltage
10~30
V
RI
RI Resistor
100
Kohm
TA
Operating temperature
-20~85
℃
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings (((( Note
Note
Note
Note 1)
1)
1)
1)
S
S
S
Symbol
ymbol
ymbol
ymbol
P
P
P
Parameter
arameter
arameter
arameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VDD
DC Power Supply
30
V
VFB
FB input voltage
-0.3~7
V
VSENSE
SENSE input voltage
-0.3~7
V
VRI
RI input voltage
-0.3~7
V
TJ
Operation Junction Temperature
-20~150
℃
TSTG
Storage Temperature
-40~150
℃
VCV
Vcc Clamp Voltage
31
V
ICC
Vcc Clamp Continuous Current
10
mA
Note
Note
Note
Note 1
1
1
1: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, functional operation of the device at these or any other conditions beyond those indicated in
the Recommended Operating Conditions section are not implied. Exposure to absolute maximum-rated conditions for
extended periods may affect device reliability.
ESD
ESD
ESD
ESD Information
Information
Information
Information
S
S
S
Symbol
ymbol
ymbol
ymbol
P
P
P
Parameter
arameter
arameter
arameter
V
V
V
Value
alue
alue
alue
U
U
U
Unit
nit
nit
nit
VESD-HBM
Human body model on all pins
3
KV
VESD-MM
Machine model on all pins
300
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com