Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2259DP Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259DP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259DP Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2259DP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
5/11
WS2259
WS2259
WS2259
WS2259
Electrical
Electrical
Electrical
Electrical Characteristics
Characteristics
Characteristics
Characteristics (TA=25℃,VCC=16V, if not otherwise noted)
Supply
Supply
Supply
Supply Voltage
Voltage
Voltage
Voltage (VDD)
(VDD)
(VDD)
(VDD)
Parameter
Symbol
Test condition
Min
Typ
Max
Unit
Operation voltage
VDD_OP
30
V
Turn on threshold Voltage
UVLO_ON
6.8
7.5
8
V
Turn-off threshold Voltage
UVLO_OFF
13.5
14.5
15.5
V
Start up current
I_VDD_ST
VDD=13V,RI=100K
4
10
uA
Operation Current
I_VDD_OP
VDD=16V,RI=100K,VFB=3V
GATE with 1nF to GND
1.7
2.3
mA
VDD_OVP
29
V
VDD Zener Clamp Voltage
VDD_Clamp
IVDD=10mA
31
V
Feedback
Feedback
Feedback
Feedback Input
Input
Input
Input Section
Section
Section
Section
VFB Open Loop Voltage
VFB_Open
VDD=16V,FB open,
5.4
5.9
6.4
V
FB Pin Short Current
IFB_Short
FB Shorted to GND
0.3
0.45
0.6
mA
Power limiting FB Threshold
VTH_PL
VDD=16V, RI=100K
3.2
3.65
4.0
V
Power limiting Debounce
TD_PL
VDD=16V,FB open,RI=100KΩ
48
60
72
ms
Input Impedance
ZFB_IN
VDD=16V,FB=2V/3V,CS open
11.5
14.5
18
kΩ
Maximum duty cycle
Max_Duty
VDD=16V,FB open,
CS=0,RI=100KΩ
72
77
82
%
Current
Current
Current
Current Sense
Sense
Sense
Sense Section
Section
Section
Section
Leading edge Blanking Time
TLEB
330
ns
OCP control delay
TD_OC
GATE with 1nF to GND
70
ns
OCP threshold
TTH_OC
FB=3.2V
0.68
0.78
0.78
V
Oscillator
Oscillator
Oscillator
Oscillator Section
Section
Section
Section
Frequency
Fosc
VDD=16V,RI=100K,,FB=3.2V
60
65
70
khz
Jitter period
For 65K
4
ms
Jitter range
±5
%
Burst mode frequency
Fosc_BM
VDD=9.5V,RI=100K, FB=1V
22
khz
Frequency variation versus temp. Deviation
∆f_temp
TEMP = -20 to 85℃
5
%
Frequency variation versus VDD
∆f_VDD
VDD = 12 to 25V
5
%
RI
RI
RI
RI Section
Section
Section
Section
RI voltage
VRI
VDD=16V,RI=100KΩ,CS=1V
1.94
2
2.06
V
Thermal
Thermal
Thermal
Thermal protection
protection
protection
protection
Thermal shutdown temperature
T_shutdown
150
℃
GATE
GATE
GATE
GATE Output
Output
Output
Output Section
Section
Section
Section
Output voltage Low
VOL
VDD = 16V, Io = -20mA
0.8
V
Output voltage high
VOH
VDD = 16V, Io = 20mA
9
V
Output clamp voltage
VClamp
VDD = 20V
11
13
14.5
V
Rising time
Tr
VDD = 16V, GATE with 1nF to GND
250
ns
Falling time
Tf
VDD = 16V, GATE with 1nF to GND
75
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com