Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C515C Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # C515C
Description  8-Bit CMOS Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button C515C Datasheet HTML 9Page - Siemens Semiconductor Group C515C Datasheet HTML 10Page - Siemens Semiconductor Group C515C Datasheet HTML 11Page - Siemens Semiconductor Group C515C Datasheet HTML 12Page - Siemens Semiconductor Group C515C Datasheet HTML 13Page - Siemens Semiconductor Group C515C Datasheet HTML 14Page - Siemens Semiconductor Group C515C Datasheet HTML 15Page - Siemens Semiconductor Group C515C Datasheet HTML 16Page - Siemens Semiconductor Group C515C Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
Semiconductor Group
13
1997-07-01
C515C
VSSCLK
13
–
Ground (0 V) for on-chip oscillator
This pin is used for ground connection of the on-chip
oscillator circuit.
VCCCLK
14
–
Supply voltage for on-chip oscillator
This pin is used for power supply of the on-chip oscillator
circuit.
VCCE1
VCCE2
32
68
–
Supply voltage for I/O ports
These pins are used for power supply of the I/O ports
during normal, idle, and power-down mode.
VSSE1
VSSE2
35
70
–
Ground (0 V) for I/O ports
These pins are used for ground connections of the I/O
ports during normal, idle, and power-down mode.
VCC1
33
–
Supply voltage for internal logic
This pins is used for the power supply of the internal logic
circuits during normal, idle, and power down mode.
VSS1
34
–
Ground (0 V) for internal logic
This pin is used for the ground connection of the internal
logic circuits during normal, idle, and power down mode.
VCCEXT
50
–
Supply voltage for external access pins
This pin is used for power supply of the I/O ports and
control signals which are used during external accesses
(for Port 0, Port 2, ALE, PSEN, P3.6/WR, and P3.7/RD).
VSSEXT
51
–
Ground (0 V) for external access pins
This pin is used for the ground connection of the I/O ports
and control signals which are used during external
accesses (for Port 0, Port 2, ALE, PSEN, P3.6/WR, and
P3.7/RD).
N.C.
2, 71
–
Not connected
These pins should not be connected.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function
P-MQFP-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com